Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 43 of 63
Bit No.
Mnemonic
Access
Default
Description
[2:0]
CHAGER_STATUS[2:0]
R
Not applicable
Charger status bus.
000 = off.
001 = trickle charge.
010 = fast charge (CC mode).
011 = fast charge (CV mode).
100 = charge complete.
101 = suspend.
110 = trickle, fast, or safety charge timer expired.
111 = battery detection.
Table 28. CHARGER_STATUS2, Register Address 0x09 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:5]
THR_STATUS[2:0]
R
Not applicable
THR pin status.
000 = off.
001 = battery cold.
010 = battery cool.
011 = battery warm.
100 = battery hot.
111 = thermistor is in normal operating temperature, between
the battery cool and battery warm settings.
4
IPK_STAT
R
Not applicable
Peak current limit status bit. Set high if four or more peak
inductor current limits are reached in succession.
3
Not used
R
Not used.
[2:0]
BATTERY_STATUS[2:0]
R
Not applicable
Battery status bus.
000 = battery monitor off.
001 = no battery.
010 = VBSNS < VTRK.
011 = VTRK ≤ VBSNS < VWEAK.
100 = VBSNS ≥ VWEAK.
Table 29. CHARGER_FAULT, Register Address 0x0A Bit Descriptions1
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
Not used.
3
BAT_SHR
R/W
0
When this bit is high, a battery short circuit is detected.
2
IND_PEAK
R/W
0
When this bit is high, an inductor peak current-limit fault has occurred.
1
TSD_130
R/W
0
When this bit is high, the overtemperature early warning has occurred.
0
TSD_140
R/W
0
When this bit is high, the overtemperature condition is detected. The device shuts down due
to an overtemperature condition.
1
To reset the fault bits in the CHARGER_FAULT register, cycle the power on VBUSx, or read and then write the corresponding I2C bit high continuously.
Table 30. BATTERY_SHORT, Register Address 0x0B Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:5]
TBAT_SHR[2:0]
R/W
100
Battery short timeout timer:
000 = 1 sec
001 = 2 sec
010 = 4 sec
011 = 10 sec
100 = 30 sec
101 = 60 sec
110 = 120 sec
111 = 180 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com