Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 52 of 63
Bit No.
Mnemonic
Access
Default
Description
[3:0]
LED3_ON[3:0]
R/W
0000
These bits set the on timer for the LED3 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = 0.125 sec.
0000 = 0.250 sec.
0010 = 0.375 sec.
…
1110 = 1.875 sec.
1111 = 2.000 sec.
Table 66. LED4_Blink, Register Address 0x2F Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
LED4_OFF[3:0]
R/W
0000
These bits set the off timer for the LED4 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = the blinking feature is disabled.
0001 = 0.250 sec.
0010 = 0.500 sec.
0011 = 0.750 sec.
…
1110 = 3.500 sec.
1111 = 3.750 sec
[3:0]
LED4_ON[3:0]
R/W
0000
These bits set the on timer for the LED4 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = 0.125 sec.
0000 = 0.250 sec.
0010 = 0.375 sec.
…
1110 = 1.875 sec.
1111 = 2.000 sec.
Table 67. LED5_Blink, Register Address 0x30 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
LED5_OFF[3:0]
R/W
0000
These bits set the off timer for the LED4 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = the blinking feature is disabled.
0001 = 0.250 sec.
0010 = 0.500 sec.
0011 = 0.750 sec.
…
1110 = 3.500 sec.
1111 = 3.750 sec.
[3:0]
LED5_ON[3:0]
R/W
0000
These bits set the on timer for the LED5 blinking feature (not
effective if this LED channel is configured as the grouped LED
backlight).
0000 = 0.125 sec.
0000 = 0.250 sec.
0010 = 0.375 sec.
…
1110 = 1.875 sec.
1111 = 2.000 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com