Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 61Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 62Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 63Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 60 of 63
PCB LAYOUT GUIDELINES
Poor layout can affect ADP5350 performance, causing EMI and
electromagnetic compatibility (EMC) problems, ground bounce,
and voltage losses. Poor layout can also affect regulation and
stability. A good layout is implemented using the following
guidelines:
Place the decoupling capacitor, inductor, input capacitor,
and output capacitor close to the IC.
Use a ground plane with several vias connecting to the
component side ground to further reduce noise
interference on sensitive circuit nodes.
Use a dedicated trace to connect the BSNS pin to the
battery pack output node for accurate sensing of the
battery voltage.
Use Size 0603 or Size 0402 resistors and capacitors to
achieve the smallest possible footprint solution on boards
where space is limited.
Figure 59. Recommended Layout
nINT
THR
PGOOD
BSNS
ISOB
ISOS
AGND
PGND 1B SW 1A
SW 1B
VBUSA
VBUSB
PGND 4
SW4
FB4
VIN 4
D1
D2
D3
D4
D5
VIN 123
CFL2
VOUT 3
SCL
VOUT 2
VOUT 1
BATOK
VOUT 4
CFL 1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ADP5350
SDA
PGND 1A
PGND
SCL
SDA
BATOK
nINT
1111
22222222
PGOOD
3333333
44444444
11888
1118888
888888888
C9 - 10µF
6.3V/XR5
0603
C10 - 10µF
25V/XR5
0603
C1 - 2.2µF
25V/XR5
0603
C2 - 2.2µF
6.3V/XR5
0603
C3 - 10µF
6.3V/XR5
0603
C4 - 10µF
6.3V/XR5
0603
L2 – 4µ7H
2016
L1 – 1µ5H
2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com