Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 40 of 63
Bit No.
Mnemonic
Access
Default
Description
010001 = 3.84 V.
010010 = 3.86 V.
010011 = 3.88 V.
010100 = 3.90 V.
010101 = 3.92 V.
010110 = 3.94 V.
010111 = 3.96 V.
011000 = 3.98 V.
011001 = 4.00 V.
011010 = 4.02 V.
011011 = 4.04 V.
011100 = 4.06 V.
011101 = 4.08 V.
011110 = 4.10 V.
011111 = 4.12 V.
100000 = 4.14 V.
100001 = 4.16 V.
100010 = 4.18 V.
100011 = 4.20 V.
100100 = 4.22 V.
100101 = 4.24 V.
100110 = 4.26 V.
100111 = 4.28 V.
101000 = 4.30 V.
101001 = 4.32 V.
101010 = 4.34 V.
101011 = 4.36 V.
101100 = 4.38 V.
101101 = 4.40 V.
101110 = 4.42 V.
101111 = 4.44 V.
110000 = 4.46 V.
110001 = 4.48 V.
110010 to 111111 = 4.5 V.
[1:0]
IEND[1:0]
R/W
01
Termination current programming bus. The values of the termination
current can be programmed to the following values:
00 = 25 mA.
01 = 35 mA.
10 = 45 mA.
11 = 55 mA.
Table 23. CHARGER_CURRENT_SETTING, Register Address 0x04 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
C_20_EOC
R/W
0
This bit has priority over the other settings (C_10_EOC and IEND).
When this bit is set to high, 1/20 C programming is used. The
minimum value is 25 mA.
6
C_10_EOC
R/W
0
This bit has priority over the other setting (IEND) but not C_20_EOC.
When this bit is set to high, 1/10 C programming is used unless
C_20_EOC is set to high. The minimum value is 25 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com