Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 9 of 63
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Output Noise1
VNOISE_LDO2
10 Hz to 100 kHz, VVIN123 = 3.6 V, VVOUT2 = 3.3 V
120
μV rms
Power Supply Rejection Ratio1
PSRR
100 Hz, VIN123 = 3.6 V, VVOUT2 = 3.3V, IOUT2 = 10 mA
60
dB
1 kHz, VIN123 = 3.6 V, VVOUT2 = 3.3 V, IOUT2 = 10 mA
50
dB
LDO Start-Up Time
tSS_LDO2
VVOUT2 = 3.3 V, LDO mode
80
μs
Load Switch Turn-On Rise Time
tRISE_SWITCH2
VVOUT2 = 3.3 V, load switch mode
80
μs
Load Switch On Resistance
LFCSP Package
RDSON_SWITCH2
400
600
mΩ
WFCSP Package
RDSON_SWITCH2
300
500
mΩ
COUT Discharge Switch On
Resistance
RDIS_LDO2
VVIN123 = 3.6 V
500
Ω
LDO3 INPUT VOLTAGE RANGE
VVIN4
VVIN4 = VVIN123
2.85
5.5
V
GENERAL-PURPOSE LDO3
UNDERVOLTAGE LOCKOUT
VUVLO_LDO3_RISE
VIN4 rising
2.7
2.85
V
VUVLO_LDO3_FALL
VIN4 falling
2.5
2.6
V
VUVLO_LDO3_HYS
100
mV
Output Voltage Range
VVOUT3
Fuse trim or I2C, four bits
1.0
4.2
V
Output Accuracy
VVOUT3
IOUT3 = 10 mA, TJ = +25°C
−0.75
+0.75
%
IOUT3 = 10 mA
−1.5
+1.5
%
Line Regulation
∆VOUT3/VVIN123
VVIN123 = (VVOUT3 + 0.5 V) to 5.5 V
−0.1
+0.1
%/V
Load Regulation
∆VOUT3/IOUT3
IOUT3 = 100 µA to 150 mA
0.01
%/mA
Dropout Voltage
LFCSP Package
VDROP_OUT3
VVOUT3 = 3.3 V, IOUT3 = 10 mA
76
140
mV
WFCSP Package
VDROP_OUT3
VVOUT3 = 3.3 V, IOUT3 = 10 mA
65
120
mV
LFCSP Package
VDROP_OUT3
VVOUT3 = 3.3 V, IOUT3 = 150 mA
100
180
mV
WFCSP Package
VDROP_OUT3
VVOUT3 = 3.3 V, IOUT3 = 150 mA
80
150
mV
Current Limit Threshold
ILIM_LDO3
220
320
430
mA
Output Noise1
VNOISE_LDO3
10 Hz to 100 kHz, VVIN123 = 3.6 V, VVOUT3 = 3.3 V
120
μV rms
Power Supply Rejection Ratio1
PSRR
100 Hz, VVIN123 = 3.6 V, VVOUT3 = 3.3 V, IOUT3 = 10 mA
60
dB
1 kHz, VVIN123 = 3.6 V, VVOUT3 = 3.3 V, IOUT3 = 10 mA
50
dB
LDO Start-Up Time
tSS_LDO3
VVOUT3 = 3.3 V, LDO mode
80
μs
Load Switch Turn-On Rise Time
tRISE_SWITCH3
VVOUT3 = 3.3 V, load switch mode
80
μs
Load Switch On Resistance
LFCSP Package
RDSON_SWITCH3
400
600
mΩ
WFCSP Package
RDSON_SWITCH3
300
500
mΩ
COUT Discharge Switch On
Resistance
RDIS_LDO3
VIN123 = 3.6 V
500
Ω
1
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com