Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 47 of 63
Table 46. RBAT_20, Register Address 0x1B Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_20
R/W
0x3F
The battery internal resistance at 20°C. The resistance range is 0 mΩ to 8160 mΩ and the
default resistance is 2016 mΩ. Resistance value = RBAT_20 × 32 mΩ.
Table 47. RBAT_30, Register Address 0x1C Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_30
R/W
0x3F
The battery internal resistance at 30°C. The resistance range is 0 mΩ to 8160 mΩ and the
default resistance is 2016 mΩ. Resistance value = RBAT_30 × 32 mΩ.
Table 48. RBAT_40, Register Address 0x1D Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_40
R/W
0x3F
The battery internal resistance at 40°C. The resistance range is 0 mΩ to 8160 mΩ and the
default resistance is 2016 mΩ. Resistance value = RBAT_40 × 32 mΩ.
Table 49. RBAT_60, Register Address 0x1E Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_60
R/W
0x3F
The battery internal resistance at 60°C. The resistance range is 0 mΩ to 8160 mΩ and the
default resistance is 2016 mΩ. Resistance value = RBAT_60 × 32 mΩ.
Table 50. K_RBAT_CHARGE, Register Address 0x1F Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:6]
Not used
R
Not used.
[5:4]
K_RBAT_SOC
R/W
00
Battery internal resistance coefficient less than 20% capacity.
00 = RBAT at 0% SOC = RBAT at 20% SOC.
01 = RBAT at 0% SOC = 2 × RBAT at 20% SOC.
10 = RBAT at 0% SOC = 4 ×RBAT at 20% SOC.
11 = RBAT at 0% SOC = 8 × RBAT at 20% SOC.
[3:0]
K_RBAT_CHARGE
R/W
1000
Battery internal resistance coefficient for charging. The coefficient =
0.75 + K_RBAT_CHARGE/32.
Table 51. BAT_TEMP, Register Address 0x20 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
6
BAT_TEMP_SOURCE
R/W
0
Battery temperature source selection bit.
0: from THR input.
1: from I2C.
[5:0]
BAT_TEMP
R/W
11011
Battery temperature from I2C. The program battery temperature range
is between −2°C and +61°C. Temperature value (°C) = (BAT_TEMP − 2).
Table 52. BAT_SOC, Register Address 0x21 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
[6:0]
BAT_SOC
R
Not applicable
Battery state of charge. SOC = BAT_SOC %, only valued between 0%
and 100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com