Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 60Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 61Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 62Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 63Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 62 of 63
FACTORY-PROGRAMMABLE OPTIONS
Table 89. Fuse-Programmable Trim Options for the ADP5350
Parameter
Value
Default Setting
I2C Address
0x44
0x44
0x45
0x64
0x65
R_NTC
10 kΩ
100 kΩ/47 kΩ
100 kΩ/47 kΩ
BETA_NTC
2350
3800
2600
2750
3000
3150
3350
3500
3600
3800
4000
4200
4400
4600
4800
5000
5200
EN_CHG
Charger is enabled
Charger is disabled
Charger is disabled
EN_LDO2
LDO2 is enabled
LDO2 is disabled
LDO2 is disabled
EN_LDO3
LDO3 is enabled
LDO3 is disabled
LDO3 is disabled
VID_LDO1, VID_LDO2,
VID_LDO3
4.20 V
3.3 V
3.60 V
3.30 V
3.15 V
3.00 V
2.85 V
2.50 V
2.30 V
2.10 V
1.80 V
1.50 V
1.40 V
1.30 V
1.20 V
1.10 V
1.00 V
VBUSOK_MASK
Do not output the VVBUSx voltage status signal to the
external PGOOD pin
Output the VVBUSx voltage status signal to the external
PGOOD pin
Output the VVBUSx voltage status signal to external
PGOOD pin
PG1_LDO1_MASK
Do not output the LDO1 PGOOD signal to the external
PGOOD pin
Do not output the LDO1 PGOOD signal to the external
PGOOD pin
Output the LDO1 PGOOD signal to external PGOOD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com