Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 39 of 63
REGISTER BIT DESCRIPTIONS
Table 19. Manufacturer and Model ID, Register Address 0x00 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
MANUF[3:0]
R
0001
The 4-bit manufacturer identification bus.
[3:0]
Model[3:0]
R
1011
The 4-bit model identification bus.
Table 20. Silicon Revision, Register Address 0x01 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
[3:0]
REV[3:0]
R
0011
The 4-bit silicon revision identification bus.
Table 21. CHARGER_VBUS_ILIM, Register Address 0x02 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
Not used.
[3:0]
ILIM[3:0]
R/W
0000
VBUSx pin input current-limit programming bus. The current into
VBUSx can be limited to the following programmed values:
0000 = 100 mA.
0001 = 150 mA.
0010 = 200 mA.
0011 = 300 mA.
0100 = 400 mA.
0101 = 500 mA.
0110 = 600 mA.
0111 = 700 mA.
1000 = 800 mA.
1001 = 900 mA.
1010 = 1000 mA.
1011 = 1100 mA.
1100 = 1200 mA.
1101 = 1300 mA.
1110 = 1400 mA.
1111 = 1500 mA.
Table 22. CHARGER_TERMINATION_SETTINGS, Register Address 0x03 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:2]
VTRM[5:0]
R/W
100011
Termination voltage programming bus. The values of the float
voltage can be programmed to the following values:
000000 = 3.50 V.
000001 = 3.52 V.
000010 = 3.54 V.
000011 = 3.56 V.
000100 = 3.58 V.
000101 = 3.60 V.
000110 = 3.62 V.
000111 = 3.64 V.
001000 = 3.66 V.
001001 = 3.68 V.
001010 = 3.70 V.
001011 = 3.72 V.
001100 = 3.74 V.
001101 = 3.76 V.
001110 = 3.78 V.
001111 = 3.80 V.
010000 = 3.82 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com