Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 35 of 63
I2C INTERFACE
The ADP5350 includes an I2C-compatible serial interface to
control the battery charging, fuel gauge, boost regulator, and
LED driver, and to read back the system status.
I2C ADDRESSES
The I2C address can be factory programmable. The I2C address
options help to avoid conflicts with other I2C slave chipsets in
the system. For alternative I2C chip address requirements,
contact a local Analog Devices sales or distribution
representative.
SDA AND SCL PINS
The ADP5350 has two dedicated I2C interface pins, SDA and
SCL. SDA is an open-drain line for receiving and transmitting
data. SCL is an input line for receiving the clock signal. Pull up
these pins to an external input/output supply using external
resistors.
Serial data is transferred on the rising edge of SCL. The read
data is generated at the SDA pin in read mode.
The subaddress content selects the ADP5350 registers to be
written to first. The ADP5350 sends an acknowledgement to the
master after the 8-bit data byte is written (see Figure 55 for an
example of the I2C write sequence to a single register). The
ADP5350 increments the subaddress automatically and starts
receiving a data byte at the next register until the master sends
an I2C stop as shown in Figure 56.
Figure 57 shows the I2C read sequence of a single register. The
ADP5350 sends the data from the register denoted by the
subaddress and increments the subaddress automatically,
sending data from the next register until the master sends an
I2C stop condition as shown in Figure 58.
DEFAULT RESET
The ADP5350 contains one write only register, DEFAULT_SET,
to reset all registers to the factory default values.
Figure 55. I2C Single Register Write Sequence
Figure 56. I2C Multiple Register Write Sequence
Figure 57. I2C Single Register Read Sequence
Figure 58. I2C Multiple Register Read Sequence
SUBADDRESS
CHIP ADDRESS
ST
0
0
1
0
1
0
0
0
0
0
SP
ADP5350 RECEIVES
DATA
0
0 = WRITE
MASTER STOP
CHIP ADDRESS
SUBADDRESS
REGISTER N
ADP5350 RECEIVES
DATA TO REGISTER N
ADP5350 RECEIVES
DATA TO REGISTER N + 1
ADP5350 RECEIVES
DATA TO LAST REGISTER
ST
0
0
1
0
1
0
0
0
0
0
SP
0
0
0
0 = WRITE
MASTER STOP
CHIP ADDRESS
SUBADDRESS
CHIP ADDRESS
ADP5350 SENDS DATA
ST
0
0
1
0
1
0
0
0
0
0
0
0
0
0
1
1
0
ST
0
0
1
0
1
0
0
0
1
SP
0
1
0 = WRITE
1 = READ
CHIP ADDRESS
SUBADDRESS
REGISTER N
CHIP ADDRESS
ADP5350 SENDS
DATA OF REGISTER N
ADP5350 SENDS
DATA OF REGISTER
N + 1
ADP5350 SENDS
DATA OF LAST
REGISTER
S
T
0
0
1
0
1
0
0
0
0
0
S
P
0
0
1
S
T
0
0
1
0
1
0
0
0
1
0
0 = WRITE
1 = READ
MASTER STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com