Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
Data Sheet
ADP1048W
POWER SUPPLY SYSTEM AND FAULT MONITORING
The ADP1048W has extensive system and fault monitoring
capabilities. The system monitoring functions include voltage,
current, power, and temperature readings. The fault conditions
include out of limit for current, voltage, power, and temperature.
The limits for the fault conditions are programmable. An extensive
set of flags is set when certain thresholds or limits are exceeded.
These flags are described in Table 11 and Table 12.
FLAG CONVENTIONS
A flag indicates a fault condition; therefore, a flag is set (equal to
1, or high) when the fault or bad condition occurs. Good flags,
such as POWER_GOOD# and AC_OK, are active low flags. For
example, POWER_GOOD# = 1 indicates a problem.
Note that the signals relative to a flag are active high. For
example, if the POWER_GOOD# flag is set to 1, the PGOOD
pin is at Logic Level 0 because the POWER_GOOD# flag is
inverted at the pin to provide active high signals.
MANUFACTURER-SPECIFIC FLAGS
The manufacturer-specific flags are flags that are not covered by
the PMBus specification. Some flags simply indicate a condition
(typically, warning flags). The response to some of the flags is
individually programmable (typically, fault flags).
There is also a set of latched fault registers. These registers con-
tain the same flags, but the flags remain set to allow users to detect
an intermittent fault. Reading a latched register resets the flags
in that register. The latched fault registers are Register 0xFE80,
Register 0xFE81, and Register 0xFE82.
Table 11. Summary of Manufacturer-Specific Flags
Bit Name
Address
Description (1 = Flag Set)
Action
MAX_MODULATION
0xFE80[7]
The maximum modulation limit is reached.
MIN_MODULATION
0xFE80[6]
The minimum modulation limit is reached.
OLP
0xFE80[5]
Signals a difference of more than ~100 mV between the VFB and OVP signals
(one of the two voltage dividers is probably disconnected or malfunctioning).
Programmable
FAST_OVP
0xFE80[4]
The threshold set for the comparator on the OVP pin has been crossed.
Programmable
AC_PERIOD
0xFE80[3]
The controller is not able to detect the ac line period; the maximum value of
the period is used and this flag is set.
BROWN_OUT
0xFE80[2]
VAC is lower than the value stored in VIN_ON (Register 0x35).
Can set AC_OK flag
SOFT_START
0xFE80[1]
The system is in soft start sequence; fast loop filter is in use.
INRUSH
0xFE80[0]
INRUSH control relay is off.
INRUSH pin (can also
set AC_OK flag)
EEPROM_UNLOCKED
0xFE81[6]
EEPROM is unlocked and its contents can be written.
EEPROM_CRC
0xFE81[5]
The downloaded contents of the EEPROM are incorrect.
I2C_ADDRESS
0xFE81[4]
The resistor on the ADD pin has a value that can cause an error in the address
assignment (the address falls too close to the threshold between two
addresses).
LOW_LINE
0xFE81[3]
The input voltage is higher than the high line threshold.
Programmable
FAST_OCP
0xFE81[2]
The threshold set for the comparator on the ILIM pin has been crossed.
Programmable
SYNC_LOCK
0xFE81[1]
External synchronization frequency is locked.
AC_OK
0xFE81[0]
The output of the AC_OK pin is low. (This flag is a programmable combination
of other internal flags and refers to the condition of the input voltage.)
AC_OK pin
LOW_POWER
0xFE82[5]
The input power has dropped below the threshold for low power mode
operation.
Programmable
FAST_LOOP
0xFE82[4]
The fast loop compensation filter is in use.
Can set
POWER_GOOD# flag
VCORE_OV
0xFE82[3]
An overvoltage condition is present on the VCORE rail.
Programmable
VDD_3.3V_OV
0xFE82[2]
An overvoltage condition is present on the VDD rail.
Programmable
VDD_3.3V_UV
0xFE82[1]
An undervoltage condition is present on the VDD rail.
Shutdown
Rev. 0 | Page 25 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com