Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1048WARQZ-R7 Datasheet HTML 1Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Digital Power Factor Correction Controller
with Accurate AC Power Metering
Data Sheet
ADP1048W
FEATURES
Qualified for automotive applications
Flexible digital power factor correction (PFC) controller
Interleaved and bridgeless operation
True rms ac power metering
Enhanced dynamic response
Optimized light load efficiency performance
Output voltage adjustment
Frequency reduction
Inrush current control
Switching frequency spread spectrum for improved EMI
External frequency synchronization
PMBus compliant
Programmable ac line fault detection and protection
Programmable output fault detection and protection
Extensive fault protection for high reliability systems
Frequency range from 30 kHz to 400 kHz
8 kB EEPROM
Programming via easy-to-use graphical user interface (GUI)
APPLICATIONS
AC/DC power supplies for applications
Computing server and storage
Network and communication infrastructure
Industrial and medical
GENERAL DESCRIPTION
The ADP1048W is a digital power factor correction (PFC)
controller that provides accurate input power metering
capability and inrush current control for ac/dc systems. The
device is designed for single phase PFC applications, especially
interleaved and bridgeless PFC applications.
The digital PFC function is based on a conventional boost PFC
with multiplication of the output voltage feedback combined with
the input current and voltage to provide optimum harmonic
correction and power factor for ac/dc systems. All signals are
converted into the digital domain to provide maximum flexibility;
all key parameters can be reported and adjusted via the PMBus™
interface. The ADP1048W allows users to optimize system
performance, maximize efficiency across the load range, and
reduce design time to market.
The ADP1048W provides accurate rms measurement of input
voltage, current, and power. This information can be reported
to the microcontroller of the power supply via the PMBus
interface.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP1048WARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1048 AD-ADP1048 Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
ADP1048-600-EVALZ AD-ADP1048-600-EVALZ Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
ADP1048ARQZ-R7 AD-ADP1048ARQZ-R7 Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
ADP1048DC1-EVALZ AD-ADP1048DC1-EVALZ Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
More results

Similar Description - ADP1048WARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
Power Factor Correction Controller
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
POWER FACTOR CORRECTION CONTROLLER
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
Digital Power Factor Correction Controller
REV. 0
logo
Linear Technology
LT8312 LINER-LT8312_15 Datasheet
212Kb / 14P
Boost Controller with Power Factor Correction
logo
Bel Fuse Inc.
PET800-12-0740A BEL-PET800-12-0740A Datasheet
1Mb / 20P
AC Input With Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com