Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Data Sheet
ADP1048W
Missing AC Line Cycles
Figure 19 shows examples of the typical missing ac line cycles
fault. The VIN_LOW flag is set when the instantaneous voltage
is below VIN_OFF for more than a quarter or half line cycle
(depending on how it is programmed). This flag can be used as
an early warning to the system via the AC_OK pin when more
than a half cycle is missing. The BROWN_OUT flag is also set;
this flag does not cause a shutdown.
If any other flag that is programmed for shut down is set (in this
example, VOUT_UV_FAULT), the power supply shuts down,
the INRUSH pin is asserted, and the controller prepares for the
next soft start cycle.
If the BROWN_OUT flag is cleared before VOUT drops below
the VOUT_UV_FAULT_LIMIT value (Register 0x44), opera-
tion resumes in normal mode (or fast loop mode if enabled);
otherwise, if VOUT drops below VOUT_UV_FAULT_LIMIT,
the INRUSH pin is reset and a new soft start cycle is started.
PSON Delay
The PSON start delay is programmable using Register 0xFE06,
Bits[3:2]. Four options are available: 0 ms, 50 ms, 250 ms, and
1000 ms.
Brownout Conditions
Brownout is another typical line fault condition in which the
line drops below the minimum specified operating level. This
level can be set with VIN_UV_FAULT_LIMIT (Register 0x59).
This flag can be programmed according to the standard PMBus
flag response. For example, it can be programmed to shut down
and restart after a certain delay.
During brownout, there are other conditions that can occur,
such as input overcurrent or output undervoltage. Each of these
faults can be programmed to shut down or disable the output,
based on the response action.
Figure 19. Line Fault (Missing Cycles) Timing Diagram
Figure 20. Brownout Timing Diagram (VIN_UV_FAULT_RESPONSE Register Programmed to Shut Down After a One-Cycle Debounce)
VIN_ON (REG 0x35)
VIN_OFF (REG 0x36)
VAC
VIN_LOW FLAG
(REG 0x7C[3])
BROWN_OUT FLAG
(REG 0xFE80[2])
INRUSH PIN
VOUT
VOUT_UV_FAULT_LIMIT
(REG 0x44)
SOFT START TIME
(REG 0xFE2D[2:0])
INRUSH DELAY TIME
(REG 0xFE2E[2:0])
SHUTDOWN
VAC
VIN_ON (REG 0x35)
VIN_UV_FAULT_LIMIT
(REG 0x59)
BROWN_OUT FLAG
(REG 0xFE80[2])
VIN_UV_FAULT FLAG
(1 CYCLE DEBOUNCE)
INRUSH PIN
Rev. 0 | Page 23 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com