Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
ADP1048W
Data Sheet
FREQUENCY SYNCHRONIZATION SET REGISTER
Table 92. Register 0xFE1E—Frequency Synchronization Set
Bits
Bit Name
R/W
Description
[7:2]
RSVD
R/W
Reserved.
[1:0]
Frequency division
R/W
Sets the frequency division between the switching frequency and the external SYNC clock
(fSWfSYNC_EXT).
Bit 1
Bit 0
Frequency Division
0
0
1
0
1
12
1
0
13
1
1
14
VOLTAGE LOOP FILTER GAIN REGISTER
Table 93. Register 0xFE20—Voltage Loop Filter Gain
Bits
Bit Name
R/W
Description
[7:0]
Voltage loop filter
gain
R/W
Determines the digital filter gain of the PFC voltage loop.
VOLTAGE LOOP FILTER ZERO REGISTER
Table 94. Register 0xFE21—Voltage Loop Filter Zero
Bits
Bit Name
R/W
Description
[7:0]
Voltage loop filter
zero
R/W
Determines the position of the digital filter zero of the PFC voltage loop.
FAST VOLTAGE LOOP FILTER GAIN REGISTER
Table 95. Register 0xFE22—Fast Voltage Loop Filter Gain
Bits
Bit Name
R/W
Description
[7:0]
Fast voltage loop
filter gain
R/W
Determines the digital filter gain of the PFC fast voltage loop.
FAST VOLTAGE LOOP FILTER ZERO REGISTER
Table 96. Register 0xFE23—Fast Voltage Loop Filter Zero
Bits
Bit Name
R/W
Description
[7:0]
Fast voltage loop
filter zero
R/W
Determines the position of the digital filter zero of the PFC fast voltage loop.
FAST VOLTAGE LOOP ENABLE REGISTER
Table 97. Register 0xFE24—Fast Voltage Loop Enable
Bits
Bit Name
R/W
Description
7
Enable fast loop
for line transient
R/W
Enables fast loop mode immediately after the overshoot becomes larger than the regulation band
plus 3%.
1 = enable fast loop mode.
0 = disable fast loop mode.
[6:5]
Regulation band
limit
R/W
Sets the threshold of the regulation band limit for switching from the normal filter to the fast loop
filter.
Bit 6
Bit 5
Threshold
0
0
±1.5625%
0
1
±3.125%
1
0
±6.25%
1
1
±12.5%
Rev. 0 | Page 68 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com