Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 51Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 52Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 53Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Data Sheet
ADP1048W
STATUS_INPUT REGISTER
A value of 1 in this register indicates that a fault has occurred.
Table 46. Register 0x7C—STATUS_INPUT
Bits
Bit Name
R/W
Description
7
VIN_OV_FAULT
R
1 = input overvoltage fault.
5
VIN_UV_WARN
R
1 = input undervoltage warning.
4
VIN_UV_FAULT
R
1 = input undervoltage fault.
3
VIN_LOW
R
1 = device is off due to insufficient input voltage; that is, input voltage is below the turn-off threshold.
2
IIN_OC_FAULT
R
1 = input overcurrent fault.
1
IIN_OC_WARN
R
1 = input overcurrent warning.
0
PIN_OP_WARN
R
1 = input overpower warning.
STATUS_TEMPERATURE REGISTER
A value of 1 in this register indicates that a fault has occurred.
Table 47. Register 0x7D—STATUS_TEMPERATURE
Bits
Bit Name
R/W
Description
7
OT_FAULT
R
1 = overtemperature fault.
6
OT_WARN
R
1 = overtemperature warning.
[5:0]
RSVD
R
Reserved.
READ_VIN REGISTER
This register returns the input voltage (V) in VIN linear mode format (X = Y × 2N).
Table 48. Register 0x88—READ_VIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VIN linear mode format (X = Y × 2N). The exponent is set in the
exponent register (Register 0xFE39, Bits[5:3]). The exponent is in twos complement format.
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in VIN linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in VIN linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[5:3]).
READ_IIN REGISTER
This register returns the input current (A) in current linear mode format (X = Y × 2N).
Table 49. Register 0x89—READ_IIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in current linear mode format (X = Y × 2N). The exponent is set in the
exponent register (Register 0xFE39, Bits[10:6]). The exponent is in twos complement format.
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in current linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in current linear mode format (X = Y × 2N).
READ_VOUT REGISTER
This register returns the output voltage (V) in VIN linear mode format (X = Y × 2N).
Table 50. Register 0x8B—READ_VOUT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VOUT linear mode format (X = Y × 2N). The exponent (N) is set in the
VOUT_MODE register (Register 0x20, Bits[2:0]). The exponent is in twos complement format.
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in VOUT linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in VOUT linear mode format (X = Y × 2N).
Rev. 0 | Page 55 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com