Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
Data Sheet
ADP1048W
POWER FACTOR CORRECTION CONTROL LOOP
The ADP1048W implements the average current mode power
factor correction control loop using a traditional multiplier
approach. The implementation of the loop is digital, and all the
signals are converted from analog to digital before they are
processed by the control loop. Σ-Δ ADCs are used to achieve
high performance, cost-effective implementation. Each ADC
has its own dedicated voltage reference.
DIGITAL COMPENSATION FILTERS
The ADP1048W is a digital PFC controller with ac power
monitoring. It is implemented in the digital domain using a
dedicated state machine, which allows the user to program the
loop response specifically, with no need for external loop
compensation.
The detailed control loop configuration is illustrated in Figure 11.
VREF is the digital reference voltage setting; VFB is the sensed feed-
back voltage of the output. The difference between VREF and VFB
is processed first by the voltage loop filter (HV). Its output, VEA,
is then multiplied by the instantaneous rectified input voltage,
VAC, and divided by the square of the rms value of VAC. The result,
IREF, is used as the reference signal for the current. The output of
the current loop filter (HI) is the duty cycle command. The
mathematical expression is
2
_ RMS
AC
AC
EA
REF
V
V
V
I
×
=
Both the voltage loop and current loop digital compensating
filters, HV(z) and HI(z), are programmable. The filter transfer
function in the digital domain is
( )1
256
 −
×
×
=
z
a
z
b
k
H(z)
where:
a is the filter zero.
b is the filter gain.
k is related to the switching frequency.
The frequency gains and zero locations can all be programmed
individually to tailor the loop response to the application. It is
recommended that the Analog Devices, Inc., GUI software be
used to program the filter (see the Software GUI section). The
GUI displays the filter response in Bode plot format and can be
used to calculate all stability criteria for the power supply.
Optimized Compensation Filters
Instead of a single programmable compensation filter, the
ADP1048W offers the following filter presets so that the
dynamic response of the control loop can be tailored to
optimize different operating conditions.
Low line current filter
High line current filter
Fast voltage compensation filter
The ADP1048W can be configured to switch automatically
between the high and low line filters when the rms value of the
ac line crosses the programmed threshold between the high and
low lines. (The high line threshold is programmed in
Register 0xFE35; the low line threshold is programmed in
Register 0xFE36.)
The ADP1048W checks for the value of the rms input voltage at
each half line cycle. When a transition between the high and
low line threshold is detected, the device waits for four full line
cycles before switching to the correct filter at the zero crossing
of the input line cycle. This is done to avoid spurious transitions
due to a missing or distorted voltage line cycle.
During soft start, one of four combinations of filters can be
used, depending on whether the fast loop mode is enabled
and whether the high line or low line is detected for soft start
(see Table 8).
Figure 11. Control Loop Digital Filters
Table 8. Summary of the PFC Digital Compensation Filters for Soft Start
Line Filter
Normal Compensation Filter
Fast Voltage Compensation Filter
High Line
High line current filter, normal voltage filter
High line current filter, fast voltage filter
Low Line
Low line current filter, normal voltage filter
Low line current filter, fast voltage filter
+
VFB
HV (z)
VREF
VEA
+
IL
IREF
DUTY CYCLE
HI (z)
VAC
V2AC_RMS
Rev. 0 | Page 17 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com