Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
ADP1048W
Data Sheet
Fast Loop Mode
During transients, a fast loop mode is enabled to allow for faster
loop responses. Typical timing can be seen in Figure 12. The
fast loop mode has separate settings and can be programmed to
respond quickly to load transients. The user can disable the fast
loop mode if it is not required by the application.
Figure 12. Fast Loop for Transient Response Improvement
When fast loop mode is enabled and the feedback output voltage
is out of range from the desired reference value (programmable
band of 1.5%, 3%, 6%, or 12%, set in Register 0xFE24), the
ADP1048W enters fast loop mode.
To ensure a smooth transition, the ADP1048W switches from
the regular filter to the fast loop filter at the zero crossing of the
rectified input voltage. When the output voltage returns to
regulation within the programmed band, the controller switches
back (after a programmable delay of 0 to 7 half line cycles) to
the normal loop at the next zero crossing of the rectified input
voltage.
If the output voltage does not return to regulation within the
programmed band after a fixed time of 630 ms, the control loop
automatically switches back to the normal loop.
In the normal compensation loop, the sampling frequency of
the output voltage is the same as the ripple oscillation frequency
(which is commonly 100 Hz or 120 Hz).
During fast loop operation, the feedback voltage is sampled
at 1.5 kHz, and the fast filter is applied to regulate the output
voltage. The output voltage is averaged and decimated at
1.5 kHz (see Figure 13).
Figure 13. Fast Loop Operation
Based on the requirements of the application, the user can enable
or disable the fast loop mode by programming Register 0xFE24.
It is recommended that fast loop mode be enabled for the
ADP1048W during large load transients. The fast loop mode
settings are also used during soft start, even when the fast loop
is disabled.
PULSE-WIDTH MODULATION
The ADP1048W can implement either leading edge or trailing
edge modulation. Trailing edge modulation is the more popular
modulation scheme. Using trailing edge modulation, the rms
ripple current in the bulk capacitors can be reduced when used
with downstream converter synchronization. It is recommended
that the Analog Devices, Inc., GUI software be used to program
PWM (see the Software GUI section).
DUTY CYCLE MINIMUM/MAXIMUM LIMITS
The ADP1048W allows the user to program the minimum off
time and the minimum on time for the PWM outputs separately,
thereby allowing the minimum and maximum duty cycles to be set.
The minimum off time represents the minimum time that the
PWM is low during each switching cycle. It can be programmed
from 40 ns to 1.2 μs in steps of 80 ns using Register 0xFE15,
Bits[3:0]. In this way, the maximum duty cycle can be clamped
between 96% and 99.8% at the minimum frequency and
between 48.8% and 96.8% at the maximum frequency.
The minimum on time is the smallest PWM pulse that the mod-
ulator generates on the PWM output. It can be programmed
from 0 ns to 1200 ns in steps of 80 ns using Register 0xFE15,
Bits[7:4].
PROGRAMMABLE
RANGE
ILOAD
VOUT
FAST LOOP
VREC
PROGRAM-
MABLE
DELAY
(0 TO 7
HALF LINE
CYCLES)
VFB
VFB ERROR
FAST LOOP
VFB FAST ERROR
NORMAL FILTER
@ 100Hz
FAST FILTER
@ 1.5kHz
Rev. 0 | Page 18 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com