Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 48Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 49Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 50Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 51Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 52Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 53Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
ADP1048W
Data Sheet
VIN_UV_FAULT_RESPONSE REGISTER
This register instructs the device on actions to take due to an input undervoltage fault condition.
Table 38. Register 0x5A—VIN_UV_FAULT_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
These bits determine the device response to an input undervoltage fault condition.
Bit 7
Bit 6
Response
0
0
Do nothing.
0
1
Continue operation for the time specified by Delay Time 1 (Bits[2:0]). If the fault
persists, retry the number of times specified by the retry setting (Bits[5:3]).
1
0
Shut down, disable the output, and retry the number of times specified by the
retry setting (Bits[5:3]).
1
1
Disable the output and wait for the fault to clear. After the fault is cleared,
reenable the output.
[5:3]
Retry setting
R/W
Number of retry attempts following a fault condition. If the fault persists after the programmed
number of attempts, the output is disabled and remains off until the fault is cleared. A fault condition
can be cleared by a reset, a power-off/power-on sequence, or a loss of bias power. The time between
restart attempts is specified by Delay Time 2 (Bits[2:0]).
Bit 5
Bit 4
Bit 3
Number of Retries
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
Infinite
[2:0]
Delay times
R/W
Delay Time 1 is the delay before the device disables the output after a fault condition is detected.
Delay Time 2 is the time between restart attempts.
Bit 2
Bit 1
Bit 0
Delay Time 1
Delay Time 2
0
0
0
10 ms
252 ms
0
0
1
20 ms
558 ms
0
1
0
40 ms
924 ms
0
1
1
80 ms
1260 ms
1
0
0
160 ms
1596 ms
1
0
1
320 ms
1932 ms
1
1
0
640 ms
2268 ms
1
1
1
1280 ms
2604 ms
IIN_OC_FAULT_LIMIT REGISTER
This register sets the accurate overcurrent threshold measured at the PFC input that causes an overcurrent fault condition.
Table 39. Register 0x5B—IIN_OC_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in current linear mode format (X = Y × 2N). The exponent is set in the
exponent register (Register 0xFE39, Bits[10:6]). The exponent is in twos complement format.
[10:8]
High bits
R/W
Mantissa high bits (Y[10:8]) used in current linear mode format (X = Y × 2N).
[7:0]
Low byte
R/W
Mantissa low byte (Y[7:0]) used in current linear mode format (X = Y × 2N).
Rev. 0 | Page 52 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com