Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Data Sheet
ADP1048W
Table 149. Register 0xFE82—Latched Flag 2
Bits
Bit Name
R/W
Description
[7:6]
RSVD
R
Reserved.
5
LOW_POWER
R
1 = input power has dropped below the threshold for low power mode operation.
4
FAST_LOOP
R
1 = fast loop compensation filter is in use.
3
VCORE_OV
R
1 = an overvoltage condition is present on the VCORE rail.
2
VDD_3.3V_OV
R
1 = an overvoltage condition is present on the VDD rail.
1
VDD_3.3V_UV
R
1 = an undervoltage condition is present on the VDD rail.
0
RSVD
R
Reserved.
PWM VALUE REGISTER
Table 150. Register 0xFE84—PWM Value
Bits
Bit Name
R/W
Description
[7:0]
PWM value
R
Return the eight MSBs of the PWM value (10 bits).
VAC_LINE_PERIOD REGISTER
Table 151. Register 0xFE85—VAC_LINE_PERIOD
Bits
Bit Name
R/W
Description
[7:0]
VAC line period
R
Return the measured period on the VAC pin signal. Each LSB corresponds to 163.84 μs.
READ TEMPERATURE ADC REGISTER
Table 152. Register 0xFE86—Read Temperature ADC
Bits
Bit Name
R/W
Description
[15:0]
RTD temperature
R
Return the measured temperature in ADC 13-bit format.
POWER METERING OFFSET TRIM FOR HIGH LINE INPUT REGISTER
Table 153. Register 0xFE8E—Power Metering Offset Trim for High Line Input
Bits
Bit Name
R/W
Description
7
Offset trim polarity
R/W
1 = negative offset trim is introduced.
0 = positive offset trim is introduced.
[6:0]
Power meter offset
trim
R/W
This value calibrates the power meter offset at the high line input voltage. Each LSB corresponds
to 0.0625/128 of the full input power.
POWER METERING GAIN TRIM FOR HIGH LINE INPUT REGISTER
Table 154. Register 0xFE8F—Power Metering Gain Trim for High Line Input
Bits
Bit Name
R/W
Description
7
Gain trim polarity
R/W
1 = negative gain trim is introduced.
0 = positive gain trim is introduced.
[6:0]
Power meter gain
trim
R/W
This value calibrates the power meter gain at the high line input voltage. Each LSB corresponds
to 0.0625/128 of the input power.
CURRENT LOOP FILTER GAIN FOR LOW LINE INPUT AND LIGHT LOAD REGISTER
Table 155. Register 0xFE90—Current Loop Filter Gain for Low Line Input and Light Load
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
gain for low line and
light load
R/W
These bits set the current loop digital filter gain of the PFC current loop under the low line
input voltage at a light load condition if Bit 5 of Register 0xFE4F is set to 1.
Rev. 0 | Page 79 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com