Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
ADP1048W
Data Sheet
CURRENT LOOP FILTER GAIN FOR LOW LINE INPUT REGISTER
Table 102. Register 0xFE29—Current Loop Filter Gain for Low Line Input
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
gain for low line
R/W
These bits set the current loop digital filter gain of the PFC current loop under the low line input
voltage.
CURRENT LOOP FILTER ZERO FOR LOW LINE INPUT REGISTER
Table 103. Register 0xFE2A—Current Loop Filter Zero for Low Line Input
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
zero for low line
R/W
These bits set the current loop digital filter zero of the PFC current loop under the low line input
voltage.
CURRENT LOOP FILTER GAIN FOR HIGH LINE INPUT REGISTER
Table 104. Register 0xFE2B—Current Loop Filter Gain for High Line Input
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
gain for high line
R/W
These bits set the current loop digital filter gain of the PFC current loop under the high line
input voltage.
CURRENT LOOP FILTER ZERO FOR HIGH LINE INPUT REGISTER
Table 105. Register 0xFE2C—Current Loop Filter Zero for High Line Input
Bits
Bit Name
R/W
Description
[7:0]
Current loop filter
zero for high line
R/W
These bits set the current loop digital filter zero of the PFC current loop under the high line
input voltage.
SOFT START SET REGISTER
Table 106. Register 0xFE2D—Soft Start Set
Bits
Bit Name
R/W
Description
[7:6]
RSVD
R
Reserved.
[5:3]
Soft start delay time
R/W
These bits set the delay time between the inrush signal and the beginning of the soft start.
Bit 5
Bit 4
Bit 3
Number of Full AC Line Cycles
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
[2:0]
Soft start time
R/W
These bits set the soft start time.
Bit 2
Bit 1
Bit 0
Time
0
0
0
112 ms
0
0
1
168 ms
0
1
0
224 ms
0
1
1
280 ms
1
0
0
392 ms
1
0
1
504 ms
1
1
0
616 ms
1
1
1
728 ms
Rev. 0 | Page 70 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com