Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
ADP1048W
Data Sheet
LINE FAULT PROTECTIONS AND SOFT START SEQUENCING
PSON OPERATION
To comply with PMBus standards, the PFC circuit controlled
by the ADP1048W can be turned on and off by the hardware
PSON pin and/or the software PSON command. The setting of
Bit 2 in Register 0x02 determines whether the PSON pin and/or
the PSON command is used. If the PSON pin is used, the pin can
be configured to be either active high or active low (see Table 18).
AC LINE DETECTION
The ADP1048W is capable of detecting several parameters of
the ac line input voltage and taking the appropriate program-
med actions when necessary. The detection is a combination of
time and voltage measurements and is implemented via the
VAC pin, which detects the rectified ac input voltage. This
allows early detection of ac line faults and early warning for
the host system, thereby increasing reliability.
Five main parameters are related to ac line detection.
VAC_LINE_PERIOD (Register 0xFE85)
VAC_THRESHOLD_SET (Register 0xFE25)
VAC_THRESHOLD_READ (Register 0xFE26)
MIN_AC_PERIOD_SET (Register 0xFE27)
MAX_AC_PERIOD_SET (Register 0xFE28)
AC Line Period and Zero Crossing
The input ac line period is measured every half period of the ac
line cycle and is reported in the VAC_LINE_PERIOD register
(Register 0xFE85).
During the first 40 ms, the ac line period is measured between
two consecutive falling crossings of the threshold value, which
is set in the VAC_THRESHOLD_SET register (Register 0xFE25,
Bits[6:0]). The ac line period is then measured between two
consecutive falling crossings and compared to the average value
of the input line voltage, which is calculated during each half line
period. The VAC average reading can be found in the VAC_
THRESHOLD_READ register (Register 0xFE26, Bits[6:0]).
If the measured period is larger than MAX_AC_PERIOD_SET
or smaller than MIN_AC_PERIOD_SET, the default, MAX_AC_
PERIOD_SET, is used as the value of the period.
As shown in Figure 14, the two consecutive crossing points,
B and C, are used to determine the zero-crossing point of the
ac line. The middle point between B and C is calculated as the
zero-crossing point.
This information is used by the control loop, as well as the
power metering block.
Figure 14. AC Line Period Detection
VAC AVERAGE
(REG 0xFE26)
VAC
THRESHOLD
(REG 0xFE25)
HALF AC
LINE PERIOD
A
B
C
Rev. 0 | Page 20 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com