Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
Data Sheet
ADP1048W
OVERVOLTAGE PROTECTION
The ADP1048W has two OVP circuits: an ADC-based
comparator and a fast comparator.
Accurate Overvoltage Protection (VFB Pin)
Overvoltage protection (OVP) is implemented using the infor-
mation available on the output of the VFB ADC. The information
from the VFB ADC is averaged over one half the ac line frequency;
therefore, the response of this OVP is relatively slow.
The threshold for the accurate OVP is fully programmable
using the VOUT_OV_FAULT_LIMIT register (Register 0x40).
The programmed value is the dc average voltage.
When the accurate OVP threshold is crossed, the accurate OVP
flag is set. The response to this flag can be programmed for one
of several actions using the VOUT_OV_FAULT_RESPONSE
register (Register 0x41). If the disable PWM option is selected,
a voltage hysteresis can be programmed for the accurate OVP
threshold using Register 0xFE50.
Fast Overvoltage Protection (OVP Pin)
A fast OVP mode is implemented using a programmable
comparator on the OVP pin. Fast OVP is used for overvoltage
protection of the bulk capacitors and to provide open-loop
protection. The sense point on the power rail requires an
external resistor divider to match the divider applied to VFB.
This separate divider introduces a level of redundancy in
sensing the output voltage to improve system reliability.
If the voltage divider on the VFB pin is damaged or drifts in
value, the OVP pin can still detect an overvoltage condition
and take the appropriate programmed action.
The fast OVP signal is fed into a comparator with a program-
mable threshold to set the trip point for overvoltage. The
threshold is set using a DAC.
Table 6. Programmable Options for Fast Overvoltage Protection (Fast OVP)
Parameter
Values or Options
Comments
Debounce Time
120 ns, 240 ns, 480 ns, 640 ns
Minimum duration of pulse to be considered;
programmable using Register 0xFE31, Bits[1:0]
Blanking Time
10 μs (fixed)
Duration of time while the comparator is blanked
and the threshold changes from rising to falling
Propagation Delay
120 ns max (fixed)
Does not include blanking or debounce
Threshold Rising
1 V to 1.5 V
Programmable using Register 0xFE2F, Bits[6:0]
Threshold Falling
1 V to 1.5 V
Programmable using Register 0xFE30, Bits[6:0]
Actions for Fast OVP
Immediate shutdown and wait for PSON;
disable PWM until the flag is cleared;
shut down and soft start; ignore (do nothing)
Register 0xFE01, Bits[7:6]
Rev. 0 | Page 15 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com