Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Data Sheet
ADP1048W
Figure 5. Fast Overcurrent Protection Schemes
Figure 6. Level Shifting and Threshold for OCP
Table 5. Programmable Options for Fast Overcurrent Protection
Parameter
Values or Options
Comments
Debounce Time
40 ns, 80 ns, 120 ns, 240 ns
Register 0xFE3D, Bits[4:3]
Blanking Time
40 ns, 80 ns, 120 ns, 160 ns, 200 ns, 400 ns, 600 ns, 800 ns
Blanking from the leading edge;
Register 0xFE3D, Bits[2:0]
Propagation Delay
140 ns typical
Fixed value; does not include blanking or
debounce
Threshold Value and Polarity
500 mV (negative); 1500 mV (positive)
Fixed values
Level Shifting Current Sources
60 μA, 80 μA, 100 μA, 120 μA (negative)
Register 0xFE3E, Bits[7:5]
20 μA, 40 μA, 60 μA, 80 μA (positive)
Actions for Fast OCP
Ignore (still terminates the PWM pulse); allow n switching
cycles, then shut down and soft start; allow n switching
cycles, then shut down and wait for PSON signal
n = 1, 2, 4, 8; Register 0xFE00, Bits[7:6]
OCP
ILIM
PGND
20µA TO
80µA
1500mV
VDD
ADP1048W
IM
IL
OCP
ILIM
PGND
60µA TO
120µA
500mV
VDD
ADP1048W
LEVEL SHIFTING
10k × 120µA = 1.2V
LEVEL SHIFTING
10k × 80µA = 0.8V
500mV
0mV
1500mV
0mV
Rev. 0 | Page 13 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com