Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 82 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
ADP1048W
Data Sheet
OUTLINE DIMENSIONS
Figure 42. 24-Lead Shrink Small Outline Package [QSOP]
(RQ-24)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADP1048WARQZ-R7
−40°C to +125°C
24-Lead Shrink Small Outline Package [QSOP]
RQ-24
ADP1048-600-EVALZ
ADP1048W 600 W Evaluation Board
ADP1048DC1-EVALZ
ADP1048W Daughter Card
ADP-I2C-USB-Z
USB to I2C Adapter
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADP1048W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for these models.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
COMPLIANT TO JEDEC STANDARDS MO-137-AE
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
24
13
12
1
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025 (0.64)
BSC
0.041 (1.04)
REF
0.010 (0.25)
0.006 (0.15)
0.050 (1.27)
0.016 (0.41)
0.020 (0.51)
0.010 (0.25)
COPLANARITY
0.004 (0.10)
0.065 (1.65)
0.049 (1.25)
0.069 (1.75)
0.053 (1.35)
0.345 (8.76)
0.341 (8.66)
0.337 (8.55)
0.158 (4.01)
0.154 (3.91)
0.150 (3.81)
0.244 (6.20)
0.236 (5.99)
0.228 (5.79)
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12535-0-8/14(0)
Rev. 0 | Page 82 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com