Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 32Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 33Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 34Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 35Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
ADP1048W
Data Sheet
BRIDGELESS BOOST OPERATION
The bridgeless boost configuration allows removal of the con-
duction losses caused by the input bridge of the PFC converter.
In this configuration, it is necessary to drive the two power
MOSFETs separately to achieve the highest efficiency. The
ADP1048W can provide such signals. The IBAL pin is used to
detect the ac line phase and zero crossings. Note that the maxi-
mum rating on the IBAL pin is VDD + 0.3 V; therefore, a clamp
circuit must be connected to the IBAL pin.
During the positive ac line phase, only one boost stage is effec-
tively working. The second one is passive, and the current flows in
Q2 from the source to the drain. Turning the Q2 FET fully on
during this phase allows conduction losses in Q2 to be minimized.
When the ac line phase becomes negative, the roles of Q1 and Q2
are reversed, and Q2 actively switches while Q1 is always on. The
phase information is detected from the ac line via the IBAL pin.
During the soft start phase, both FETs are switching as a precau-
tionary measure; the same happens when the phase information
on the IBAL pin becomes corrupted or inaccurate.
Figure 30. Schematic of Bridgeless PFC Circuit
Figure 31. Bridgeless Boost Operation
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
RES
RTD
ADD
SYNC
INRUSH
SCL
SDA
VAC
VFB
OVP
IBAL
ILIM
PGND
AGND
CS–
9
10
11
12
16
15
14
13
PSON
DGND
CS+
PWM2
VCORE
PWM
AC_OK
PGOOD
VDD
ADP1048W
VREC
RELAY
T3
VOUT
T2
BULK
CAPACITOR
T1
Q2
Q1
T1 + T2 + T3
3.3V
PMBus
AC
INPUT
VAC
IBAL PIN
PWM
PWM2
Rev. 0 | Page 32 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com