Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Data Sheet
ADP1048W
POWER_HYS REGISTER
Table 139. Register 0xFE4E—POWER_HYS
Bits
Bit Name
R/W
Description
[7:0]
Power hysteresis
R/W
These bits set the power hysteresis for low power mode operation. The PFC exits the low power
mode if the input power is higher than the low power threshold plus the power hysteresis.
ADVANCED FEATURE ENABLE REGISTER
Table 140. Register 0xFE4F—Advanced Feature Enable
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
6
Enable current loop
feedforward
R/W
1 = current loop feedforward is enabled.
0 = current loop feedforward is disabled.
5
Enable light load
current loop filter
R/W
1 = light load current loop filter is enabled.
0 = light load current loop filter is disabled.
4
Enable phase shedding
R/W
1 = phase shedding is enabled.
0 = phase shedding is disabled.
3
Enable smart switching
frequency
R/W
1 = smart switching frequency is enabled.
0 = smart switching frequency is disabled.
2
Enable smart output
voltage
R/W
1 = smart output voltage is enabled.
0 = smart output voltage is disabled.
1
Enable PWM
synchronization
R/W
1 = PWM frequency synchronization is enabled.
0 = PWM frequency synchronization is disabled.
0
Enable frequency
dithering
R/W
1 = frequency dithering is enabled.
0 = frequency dithering is disabled.
VOUT_OV_FAULT_HYS REGISTER
Table 141. Register 0xFE50—VOUT_OV_FAULT_HYS
Bits
Bit Name
R/W
Description
[7:0]
VOUT OV fault hysteresis
R/W
This register determines the mantissa hysteresis for the VOUT_OV_FAULT_LIMIT condition. This
hysteresis applies only when the disable output option is selected as the VOUT_OV_FAULT_
RESPONSE (Register 0x41, Bits[7:6]). The PFC output is reenabled when the output voltage is
lower than VOUT_OV_FAULT_LIMIT minus this hysteresis.
VIN_UV_FAULT_HYS REGISTER
Table 142. Register 0xFE51—VIN_UV_FAULT_HYS
Bits
Bit Name
R/W
Description
[7:0]
VIN UV fault hysteresis
R/W
This register determines the mantissa hysteresis for the VIN_UV_FAULT_LIMIT condition. This
hysteresis applies only when the disable output option is selected as the VIN_UV_FAULT_
RESPONSE (Register 0x5A, Bits[7:6]). The PFC output is reenabled when the input voltage is
higher than VIN_UV_FAULT_LIMIT plus this hysteresis.
VAC ADC OFFSET TRIM REGISTER
This register must be unlocked for write access; see Table 61.
Table 143. Register 0xFE53—VAC ADC Offset Trim
Bits
Bit Name
R/W
Description
[7:0]
VAC ADC offset trim
R/W
This register calibrates the VAC ADC offset (the offset is always subtracted from the ADC output).
Rev. 0 | Page 77 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com