Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
ADP1048W
Data Sheet
STANDARD PMBus FLAGS
When the corresponding bit of a standard PMBus flag is
set in the STATUS_WORD or STATUS_BYTE register,
the programmed action takes place as shown in Figure 22.
Figure 22 shows the bits in the six standard PMBus fault
response registers: Register 0x41, Register 0x45, Register 0x50,
Register 0x56, Register 0x5A, and Register 0x5C. All six PMBus
fault response registers follow the same format. For more infor-
mation, see the PMBus Fault Flag Response section.
Figure 22. Standard PMBus Fault Response
Table 12. Summary of Standard PMBus Flags Implemented on the ADP1048W
Name
Address
Description
Action
STATUS_BYTE (0x78)
PSON_OFF
0x78[6]
Power supply on signal: this flag indicates that the PSON signal (hardware
or software) is inactive.
VOUT_OV
0x78[5]
General output overvoltage fault. This flag is a combination (OR) of any output
overvoltage flag: Register 0x7A[7] and Register 0xFE80[4] (FAST_OVP).
Programmable
VIN_UV
0x78[3]
General input undervoltage fault (same data as in Register 0x7C[4]).
Programmable
TEMPERATURE
0x78[2]
Temperature fault or warning.
Programmable
CML
0x78[1]
Communications, memory, or logic fault.
NONE_OF_THE_ABOVE
0x78[0]
A fault or warning not listed in Register 0x78[7:1].
STATUS_WORD (0x79)
VOUT
0x79[15]
Any fault or warning on the output voltage (overvoltage, undervoltage, fast
OVP, or accurate OVP).
INPUT
0x79[13]
Input voltage, input current, or input power fault or warning (same data as
in Register 0x7C, Bits[7:0]).
MFR
0x79[12]
Manufacturer-specific fault or warning (same data as in Register 0xFE80,
Register 0xFE81, and Register 0xFE82).
POWER_GOOD#
0x79[11]
Power good. This flag is a programmable combination of other internal flags
and refers to the condition of the output voltage. This flag sets the PGOOD
pin. The POWER_GOOD# flag is an inverted version of the PGOOD pin.
PGOOD pin
UNKNOWN
0x79[8]
A fault or warning not listed in Bits[15:1].
FAULT CLEARED
11 = DISABLE OUTPUT
FAULT
NOT
CLEARED
OUTPUT
DISABLED
RESPONSE (BITS[7:6])
RETRY SETTING (BITS[5:3])
DELAY TIME (BITS[2:0])
NORMAL
OPERATION
00 =
DO
NOTHING
FLAGS ARE
IGNORED
IF BLANKED
SOFT
START
DELAY
TIME
(BITS[2:0])
SHUT
DOWN
RETRY SETTING (BITS[5:3])
000 = NO RETRIES (OFF)
001 TO 110 = TRY 1 TO 6 TIMES
111 = RETRY FOREVER
IF FLAG STILL ACTIVE
01 = SHUT DOWN (AFTER DEBOUNCE)
10 = IMMEDIATE SHUTDOWN
Rev. 0 | Page 26 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com