Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet
ADP1048W
AC Line Value Detection
To operate, the controller must detect the ac line value. At
startup, the controller waits for the PSON signal (hardware
PSON, software PSON, or both, depending on how the device
is programmed).
When the PSON signal is present, the controller looks for the
ac line period and value (see Figure 15).
Figure 15. VAC Detection for Startup
The start-up value for the ac line used by the controller to
initiate the start-up procedure is stored in the VIN_ON register
(Register 0x35). This value is the minimum rms value of the ac
line required for the system to start up. The controller measures
the value of VAC at every half line cycle and compares it with
VIN_ON. If VAC is larger than the value in the VIN_ON register,
the soft start procedure is initiated and the BROWN_OUT flag
is reset.
AC Line Early Fault Detection
After the VIN_ON limit is crossed and the system starts up, the
controller constantly monitors the condition of the ac line (see
Figure 16).
Figure 16. AC Line Early Fault Detection
To provide early detection of ac line faults, the instantaneous
value of VAC is compared to the VIN_OFF value in Register 0x36.
If VAC remains below the VIN_OFF threshold for a time longer
than the programmed period, the VIN_LOW flag is set in
Register 0x7C. The programmed period can be either a fraction
of the detected ac line period (one-quarter or one-half) or it can
be an absolute time (2 ms or 4 ms); the value is set in
Register 0xFE2E.
The controller does not take any action, but the VIN_LOW
signal can be used to set the AC_OK signal and to trigger
immediate actions in the power system.
The VIN_OFF threshold is intended solely to provide early
warning of problems on the ac line; it is not used to shut down
the power supply. The VIN_UV_FAULT_LIMIT register
(Register 0x59) is used for that purpose.
Figure 17. Input Voltage Limits
VIN_ON (REG 0x35)
VAC
BROWN_OUT FLAG
(REG 0xFE80[2])
TIMER
1/4
VAC
VIN_LOW FLAG
(REG 0x7C[3])
VIN_OFF (REG 0x36)
TIMER
1/4
VACMAX = 265VAC
ADC INPUT RANGE = 1.6V
VACMIN = 90VAC
VIN_OV_FAULT_LIMIT = 270VAC (REG 0x55)
VIN_ON = 85VAC (REG 0x35)
VIN_OFF = 70VAC (REG 0x36)
VIN_UV_FAULT_LIMIT = 70VAC (REG 0x59)
VIN_UV_WARN_LIMIT = 80VAC (REG 0x58)
HIGH LINE LIMIT (VACTH) = 180V (REG 0xFE35)
LOW LINE LIMIT (VACTH) = 150V (REG 0xFE36)
HYSTERESIS
ZONE
Rev. 0 | Page 21 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com