Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 58Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 59Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 60Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 61Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
ADP1048W
Data Sheet
Table 76. Register 0xFE0E—PWM Falling Edge Timing (PWM Pin)
Bits
Bit Name
R/W
Description
[7:0]
t2
R/W
This register contains the eight MSBs of the 10-bit t2 time.
Table 77. Register 0xFE0F—PWM Falling Edge Setting (PWM Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t2
R/W
These bits contain the two LSBs of the 10-bit t2 time. This value is always used with the eight bits of
Register 0xFE0E, which contains the eight MSBs of the t2 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t2 edge.
0 = no PWM modulation of the t2 edge.
0
t2 sign
R/W
1 = positive sign. Increase of PWM modulation moves t2 right.
0 = negative sign. Increase of PWM modulation moves t2 left.
Table 78. Register 0xFE10—PWM2 Rising Edge Timing (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t1
R/W
This register contains the eight MSBs of the 10-bit t1 time.
Table 79. Register 0xFE11—PWM2 Rising Edge Setting (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t1
R/W
These bits contain the two LSBs of the 10-bit t1 time. This value is always used with the eight bits of
Register 0xFE10, which contains the eight MSBs of the t1 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t1 edge.
0 = no PWM modulation of the t1 edge.
0
t1 sign
R/W
1 = positive sign. Increase of PWM modulation moves t1 right.
0 = negative sign. Increase of PWM modulation moves t1 left.
Table 80. Register 0xFE12—PWM2 Falling Edge Timing (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t2
R/W
This register contains the eight MSBs of the 10-bit t2 time.
Table 81. Register 0xFE13—PWM2 Falling Edge Setting (PWM2 Pin)
Bits
Bit Name
R/W
Description
[7:4]
RSVD
R
Reserved.
[3:2]
t2
R/W
These bits contain the two LSBs of the 10-bit t2 time. This value is always used with the eight
bits of Register 0xFE12, which contains the eight MSBs of the t2 time.
1
Modulate enable
R/W
1 = PWM modulation acts on the t2 edge.
0 = no PWM modulation of the t2 edge.
0
t2 sign
R/W
1 = positive sign. Increase of PWM modulation moves t2 right.
0 = negative sign. Increase of PWM modulation moves t2 left.
Rev. 0 | Page 62 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com