Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 62Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 63Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 64Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 65Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 66Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 67Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 68Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
ADP1048W
Data Sheet
Bits
Bit Name
R/W
Description
[5:0]
Switching frequency
R/W
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Frequency (kHz)
1
0
1
1
1
1
271.74
1
1
0
0
0
0
277.78
1
1
0
0
0
1
284.09
1
1
0
0
1
0
290.70
1
1
0
0
1
1
297.62
1
1
0
1
0
0
304.88
1
1
0
1
0
1
312.50
1
1
0
1
1
0
320.51
1
1
0
1
1
1
328.95
1
1
1
0
0
0
337.84
1
1
1
0
0
1
347.22
1
1
1
0
1
0
357.14
1
1
1
0
1
1
367.65
1
1
1
1
0
0
378.79
1
1
1
1
0
1
390.63
1
1
1
1
1
0
403.23
1
1
1
1
1
1
403.23
LOW POWER SWITCHING FREQUENCY SETTING REGISTER
This register sets the PFC switching frequency when the PFC is running under low power mode and the smart switching frequency
operation is enabled.
Table 90. Register 0xFE1C—Low Power Switching Frequency Setting
Bits
Bit Name
R/W
Description
[7:6]
RSVD
R
Reserved.
[5:0]
Switching frequency
R/W
This register sets the switching frequency when the power is lower than the low power
threshold set in Register 0xFE32 and the smart switching frequency is enabled.
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Frequency (kHz)
0
0
0
0
0
0
30.05
0
0
0
0
0
1
32.55
0
0
0
0
1
0
35.51
0
0
0
0
1
1
39.06
0
0
0
1
0
0
43.40
0
0
0
1
0
1
48.83
0
0
0
1
1
0
52.06
0
0
0
1
1
1
55.80
0
0
1
0
0
0
60.10
0
0
1
0
0
1
65.10
0
0
1
0
1
0
71.02
0
0
1
0
1
1
78.13
0
0
1
1
0
0
86.81
0
0
1
1
0
1
97.66
0
0
1
1
1
0
100.81
0
0
1
1
1
1
104.17
0
1
0
0
0
0
107.76
0
1
0
0
0
1
111.61
0
1
0
0
1
0
115.74
0
1
0
0
1
1
120.19
0
1
0
1
0
0
125.00
0
1
0
1
0
1
130.21
0
1
0
1
1
0
135.87
0
1
0
1
1
1
142.05
Rev. 0 | Page 66 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com