Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 79Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 80Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 81Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
Data Sheet
ADP1048W
Table 162. Register 0xFE97—Debug Flag 1
Bits
Bit Name
R/W
Description
7
EEPROM_UNLOCKED
R
1 = EEPROM is unlocked and its contents can be written.
6
EEPROM_CRC
R
1 = downloaded EEPROM contents are incorrect.
5
I2C_ADDRESS
R
1 = the resistor on the ADD pin has a value that can cause an error in the address assignment (the
address falls too close to the threshold between two addresses).
4
FAST_LOOP
R
1 = fast loop compensation filter is in use.
3
MAX_MODULATION
R
1 = maximum modulation limit is reached.
2
MIN_MODULATION
R
1 = minimum modulation limit is reached.
1
SOFT_START
R
1 = system is in soft start sequence; fast loop filter is in use.
0
SYNC_LOCK
R
1 = external synchronization frequency is locked.
Table 163. Register 0xFE98—Debug Flag 2
Bits
Bit Name
R/W
Description
7
VIN_UV
R
1 = general input undervoltage fault (same as Register 0x7C, Bit 4).
6
VIN_LOW
R
1 = VAC is lower than VIN_OFF (Register 0x36). This signal shuts down the power supply.
5
VIN_UV_FAULT
R
1 = input voltage on VAC is smaller than the value in VIN_UV_FAULT_LIMIT (Register 0x59).
4
VIN_UV_WARN
R
1 = input voltage on VAC is smaller than the value in VIN_UV_WARN_LIMIT (Register 0x58).
3
LOW_LINE
R
1 = input voltage is higher than the high line threshold.
2
BROWN_OUT
R
1 = VAC is lower than the value stored in VIN_ON (Register 0x35).
1
CML
R
1 = communications, memory, or logic fault.
0
VDD_3.3V_OV
R
1 = an overvoltage condition is present on the VDD rail.
Table 164. Register 0xFE99—Debug Flag 3
Bits
Bit Name
R/W
Description
7
VIN_OV_FAULT
R
1 = input voltage on VAC is larger than the value in VIN_OV_FAULT_LIMIT (Register 0x55).
6
VCORE_OV
R
1 = an overvoltage condition is present on the VCORE rail.
5
PIN_OP_WARN
R
1 = input overpower warning.
4
AC_PERIOD
R
1 = controller is not able to detect the ac line period; the maximum value of the period is used
and this flag is set.
3
IIN_OC_WARN
R
1 = input current measured on the CS ADC is larger than the value in IIN_OC_WARN_LIMIT
(Register 0x5D).
2
IIN_OC_FAULT
R
1 = input current measured on the CS ADC is larger than the value in IIN_OC_FAULT_LIMIT
(Register 0x5B).
1
FAST_OCP
R
1 = the threshold set for the comparator on the ILIM pin has been crossed.
0
INPUT
R
1 = input voltage, input current, or input power fault or warning.
Table 165. Register 0xFE9A—Debug Flag 4
Bits
Bit Name
R/W
Description
7
OLP
R
1 = one of the two voltage dividers is probably disconnected or malfunctioning.
6
FAST_OVP
R
1 = the threshold set for the comparator on the OVP pin has been crossed.
5
VOUT_UV_FAULT
R
1 = output voltage is below the VOUT_UV_FAULT_LIMIT (Register 0x44).
4
VOUT_UV_WARN
R
1 = output voltage is below the VOUT_UV_WARN_LIMIT (Register 0x43).
3
VOUT_OV_WARN
R
1 = output voltage is above the VOUT_OV_WARN_LIMIT (Register 0x42).
2
VOUT_OV_FAULT
R
1 = output voltage is above the VOUT_OV_FAULT_LIMIT (Register 0x40).
1
VOUT_OV
R
General output overvoltage fault: this flag is a combination (OR) of any output overvoltage flag
(Register 0x7A, Bit 7 and Register 0xFE80, Bit 4 (FAST_OVP)).
0
VOUT
R
1 = any fault on output voltage (overvoltage, undervoltage, fast OVP, or accurate OVP).
Table 166. Register 0xFE9B—Debug Flag 5
Bits
Bit Name
R/W
Description
[7:3]
RSVD
R
Reserved.
2
LOW_POWER
R
1 = input power has dropped below the threshold for low power mode operation.
1
VDD_3.3V_UV
R
1 = an undervoltage condition is present on the VDD rail.
0
INRUSH
R
1 = INRUSH control relay is off.
Rev. 0 | Page 81 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com