Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 77Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
ADP1048W
Data Sheet
CS FAST OCP BLANK REGISTER
Table 122. Register 0xFE3D—CS Fast OCP Blank
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
[4:3]
CS OCP debounce
time
R/W
These bits set the CS OCP debounce time. This value is the minimum time that the CS signal must
be constantly above the ILIM threshold (set in Register 0xFE3E, Bits[7:5]). When the CS OCP debounce
time is exceeded, all PWM outputs are disabled for the remainder of the switching cycle.
Bit 4
Bit 3
Fast OCP Debounce Time
0
0
40 ns
0
1
80 ns
1
0
120 ns
1
1
240 ns
[2:0]
Leading edge
blanking time
R/W
These bits determine the leading edge blanking time. During this time, the OCP comparator
output is ignored.
Bit 2
Bit 1
Bit 0
Leading Edge Blanking Time
0
0
0
40 ns
0
0
1
80 ns
0
1
0
120 ns
0
1
1
160 ns
1
0
0
200 ns
1
0
1
400 ns
1
1
0
600 ns
1
1
1
800 ns
CS FAST OCP SETTING REGISTER
Table 123. Register 0xFE3E—CS Fast OCP Setting
Bits
Bit Name
R/W
Description
[7:5]
ILIM absolute value
R/W
These bits determine the ILIM absolute value. Bit 7 = 0 is positive sensing, and Bit 7 = 1 is
negative sensing.
Bit 7
Bit 6
Bit 5
ILIM Current Value
0
0
0
20 μA
0
0
1
40 μA
0
1
0
60 μA
0
1
1
80 μA
1
0
0
60 μA
1
0
1
80 μA
1
1
0
100 μA
1
1
1
120 μA
[4:2]
RSVD
R
Reserved.
1
CS_RANGE_SELECT
R/W
CS ADC input range.
0 = 750 mV.
1 = 500 mV.
0
SEL_RESVI_REF
R/W
This bit sets the reference current for the CS+ and CS− common-mode level shift.
1 = select the RES VI reference current (changing RRES changes this current).
0 = select the band gap generated reference current.
TEMPERATURE HYSTERESIS REGISTER
Table 124. Register 0xFE3F—Temperature Hysteresis
Bits
Bit Name
R/W
Description
[7:0]
Temperature
hysteresis
R/W
These bits set the temperature (RTD) measurement hysteresis. The OT_FAULT flag is reset when
the RTD ADC value is higher than the temperature fault limit plus hysteresis. The OT_WARN flag
is reset when the RTD ADC value is higher than the temperature warning limit plus hysteresis.
Rev. 0 | Page 74 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com