Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048WARQZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1048WARQZ-R7
Description  Digital Power Factor Correction Controller with Accurate AC Power Metering
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048WARQZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1048WARQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1048WARQZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
ADP1048W
Data Sheet
CONTROLLER ARCHITECTURE
The ADP1048W integrates the following functions:
Power factor correction control loop (see the Power Factor
Correction Control Loop section)
Advanced input power metering (see the Advanced Input
Power Metering section)
PMBus digital communication (see the PMBus Digital
Communication section)
This section describes the internal architecture of the chip.
CURRENT SENSE
Current sensing is used for the control, protection, and monitor-
ing of the PFC stage. For normal operation, the power factor
correction control loop requires inductor current information.
The typical implementation uses a sense resistor on the input
bus. A combination of two current transformers in series with
the power switch and the boost diode can be used to reconstruct
the inductor current and minimize losses in the resistive shunt,
but, in general, a good quality shunt resistor provides much
better accuracy in measuring input current and input power.
The inputs to the current sense ADC are differential. A pair of
matched current sources is provided to level shift the negative
signal across the current sense element in the input range of the
current sense ADC (see Figure 4).
Figure 4. Current Sense Configuration
The current sense can be calibrated digitally to remove any
errors due to external components (see the Current Sense Gain
and Offset Trim section). This calibration can be performed in
the production environment; the settings are saved in the
EEPROM of the ADP1048W.
The output of the Σ-Δ ADC is used for the following purposes:
The output is decimated at the switching frequency for the
control loop. The effective number of bits (ENOB) is >7
when the current loop bandwidth is 10 kHz; the ENOB
is >10 when the current loop bandwidth is 1 kHz.
The 11-bit result is calculated and updated at each half line
cycle for high accuracy ac line current and input power
monitoring and for overcurrent protection (accurate OCP).
RMS INPUT OVERCURRENT PROTECTION
The ADP1048W provides rms overcurrent protection (OCP).
RMS OCP (or accurate OCP) is distinct from the instantaneous
pulse-by-pulse fast overcurrent protection and is based on the
rms value of the input ac current.
The measured value is compared to the limit set in the
IIN_OC_FAULT_LIMIT register (Register 0x5B) at the
end of each half cycle of the ac line. If the limit is exceeded,
the action programmed in the IIN_OC_FAULT_RESPONSE
register (Register 0x5C) is triggered.
In addition, an input current warning limit can be programmed
in the IIN_OC_WARN_LIMIT register (Register 0x5D). This
warning limit has no action attached to it, but it sets flags in the
STATUS_BYTE register (Register 0x78, Bit 0), the STATUS_WORD
register (Register 0x79, Bit 13), and the STATUS_INPUT register
(Register 0x7C, Bit 1).
FAST OVERCURRENT PROTECTION (ILIM PIN)
A dedicated current limiting pin (ILIM) is provided to protect
the decice from pulse-by-pulse overcurrent events. When the
threshold is crossed, the PWM pulse is terminated. This action
is independent of any programming of the fast OCP flag. The
next switching cycle resumes normally. Additional actions can
be programmed (see Table 5).
The OCP comparator on the ILIM pin can accept positive or
negative signals; the pin is referred to PGND (power ground) and
has programmable level shifting current sources (see Table 5).
These sources can be changed during normal operation to adapt
to the level at which the overcurrent protection is triggered.
The OCP comparator also features programmable blanking and
debounce times (see Table 5). If OCP is triggered, the PWM
signal is terminated and operation resumes at the next switch-
ing cycle unless a different action is specified for the fast OCP
response in Register 0xFE00.
11-BIT
ADC
CS–
CS+
10kΩ
10kΩ
VDD
+
ADP1048W
IL
Rev. 0 | Page 12 of 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com