Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 59 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 59 Page - ams AG

Back Button AS3715 Datasheet HTML 55Page - ams AG AS3715 Datasheet HTML 56Page - ams AG AS3715 Datasheet HTML 57Page - ams AG AS3715 Datasheet HTML 58Page - ams AG AS3715 Datasheet HTML 59Page - ams AG AS3715 Datasheet HTML 60Page - ams AG AS3715 Datasheet HTML 61Page - ams AG AS3715 Datasheet HTML 62Page - ams AG AS3715 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
ams Datasheet, Confidential
Page 59
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
Power OFF:
To put the chip into ultralow power mode, write ‘1’ into
power_off. The chip stays in power OFF mode until it gets a
wakeup signal from either the ON pin or from a charger insert.
For more details see the start-up flowchart (Figure 55). The bit
power_off is automatically cleared by this reset cycle. During
power_off state all circuits are shut-off except the Low Power
LDO (V2_5). Thus the current consumption of AS3715 is
reduced to about 13μA (if only supplied via VIBAT ). The digital
part is supplied by V2_5, all other circuits are turned OFF in this
mode, including references and oscillator. Except the reset
control registers all other registers are set to their default value
after power-ON.
Below table show the behavior of the PMIC in terms of USB
pre-regulator and battery switch operation supplying VSUP
when putting the PMIC into power_off state by setting
power_off=1
Figure 59:
Pre-Regulator and Battery Switch Operation
Pre-Regulator and Battery Switch Operation: Shows the VSUP behavior under different supply conditions and
settings when setting power_off=1.
Software Forced Reset
Writing ‘1’ into the register bit force_reset immediately starts a
reset cycle. The bit force_reset is automatically cleared by this
reset.
External Triggered Reset:
If the pin XRES is pulled from high to low by an external source
(e.g. microprocessor or button) a reset cycle is started as well.
Over-temperature Reset:
The reset cycle can be started by over-temperature conditions.
(see Supervisor)
#
Battery
USB
present
chg_pwr_off_en
States of VSUP_CHG
1
don’t care
YES
=1
PMIC enter power_off mode. Pre-regulator
powered down, VSUP_CHG not powered
2
don’t care
YES
=0
PMIC enter power_off mode and power ON again.
VSUP_CHG powered by the pre-regulator
3a
IBAT
attached
NO
don't care
PMIC enter power_off mode. VSUP_CHG connected
to VIBAT via the internal battery switch
3b
EBAT
attached
NO
don’t care
PMIC enter power_off mode. VSUP_CHG not
powered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com