Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 44 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 44 Page - ams AG

Back Button AS3715 Datasheet HTML 40Page - ams AG AS3715 Datasheet HTML 41Page - ams AG AS3715 Datasheet HTML 42Page - ams AG AS3715 Datasheet HTML 43Page - ams AG AS3715 Datasheet HTML 44Page - ams AG AS3715 Datasheet HTML 45Page - ams AG AS3715 Datasheet HTML 46Page - ams AG AS3715 Datasheet HTML 47Page - ams AG AS3715 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
Page 44
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Charging Cycle Description
Charge Adapter Detection
The charge controller uses an integrated detection circuit to
determine if an external charge adapter has been applied to
the VUSB pin. If the adapter voltage exceeds the battery voltage
at pin VBAT by VCHDET the ChDet bit in the ChargerStatus
register will be set. The detection circuit will reset the charge
controller (bit ChDet is cleared) as soon as the voltage at the
VUSB pin drops to only VCHMIN above the battery voltage. In
case the AS3715 device is reset the charge controller will also
be reset, even if a charge adapter is applied to the VUSB pin.
Soft Charging
Soft charge mode is started when an external charge adapter
has been detected, the bat_charging_enable is set and the
battery voltage at pin VBAT is below the VSOFT threshold.
Low Current (Trickle) Charging
Trickle charge mode is started when an external charge adapter
has been detected bat_charging_enable is set and the battery
voltage at pin VBAT is below the VTRICKLE threshold and above
VSOFT threshold; bits ChDet and Trickle will be set in the
ChargerStatus register. In this mode the charge current will be
limited to TrickleCurrent (set in the ChargerCurrent register) to
prevent undue stress in case of deeply discharged batteries.
Once VTRICKLE has been exceeded, the charger will change over
to constant current charging (Trickle is cleared).
Constant Current Charging
Constant current charging is initiated when
bat_charging_enable is set and the battery voltage at pin VBAT
is above the VTRICKLE and below VCHOFF. The CCM bit is set when
the charger has started, and the charge current will be limited
to ConstatntCurrent by the battery charge controller. When the
battery approaches full charge, its voltage will reach the charge
termination threshold VCHOFF. VCHOFF depends on the
ChVoltEOC bits settings. Top-off charge will be started (CVM will
be set).
Constant Voltage Charging
Constant voltage charge mode is initiated and the CVM bit will
be set when the VCHOFF threshold has been reached.
The charge current is monitored during constant voltage
charging. It will be decreasing from its initial value during
constant current charging and eventually drop below the value
set by TrickleCurrent. If the measured charge current is less than
or equal to TrickleCurrent, the charging cycle is terminated and
EOC is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com