Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 45 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 45 Page - ams AG

Back Button AS3715 Datasheet HTML 41Page - ams AG AS3715 Datasheet HTML 42Page - ams AG AS3715 Datasheet HTML 43Page - ams AG AS3715 Datasheet HTML 44Page - ams AG AS3715 Datasheet HTML 45Page - ams AG AS3715 Datasheet HTML 46Page - ams AG AS3715 Datasheet HTML 47Page - ams AG AS3715 Datasheet HTML 48Page - ams AG AS3715 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
ams Datasheet, Confidential
Page 45
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 44:
Charger States
Charger States Diagram: Shows a full charging cycle with the corresponding states.
Stop Charging Conditions
There are multiple safety features implemented that trigger a
stop_charging condition:
These are the following:
• Battery temperature too high/low. If ntc_on=1 and
voltage at pin NTC is below/above VBATTEMP threshold.
•Timeout timer expired (If ch_timeout>0 and charging time
has been exceeded. (Can be reset by unplugging the
charger, setting bat_charging_enable=0 or writing
charging_tmax=0)
• VUSB over-voltage detected
• Die temp>140deg (ov_temp_140 set)
• All reset reasons
External Charger
at pin VUSB
5.5V max
4.5V
Battery Voltage
(VBAT )
Charging
Current
Regulator
Voltages
XRES
after enabling the charger
serial communication possible
t (not to scale )
60mA – 240mA
350mA – 1500mA
2.9V
-3.3% or -5.6%
Trickle Current
Constant Current
Constant Voltage
EOC
Resume
ICHGOFF
1.8V
Soft Charge
22mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com