Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 79 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 79 Page - ams AG

Back Button AS3715 Datasheet HTML 75Page - ams AG AS3715 Datasheet HTML 76Page - ams AG AS3715 Datasheet HTML 77Page - ams AG AS3715 Datasheet HTML 78Page - ams AG AS3715 Datasheet HTML 79Page - ams AG AS3715 Datasheet HTML 80Page - ams AG AS3715 Datasheet HTML 81Page - ams AG AS3715 Datasheet HTML 82Page - ams AG AS3715 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 160 page
background image
ams Datasheet, Confidential
Page 79
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Register Overview
Figure 83:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
00h
SD1Voltage
sd1_frequ
sd1_vsel<6:0>
01h
SD2Voltage
sd2_frequ
sd2_vsel<6:0>
02h
SD3Voltage
sd3_frequ
sd3_vsel<6:0>
03h
SD4Voltage
sd4_low_power
sd4_vsel<6:0>
04h
LDO1Voltage
ldo1_on
ldo1_ilimit
-
ldo1_vsel<4:0>
05h
LDO2Voltage
ldo2_on
ldo2_ilimit
-
ldo2_vsel<4:0>
06h
LDO3Voltage
ldo3_ilimit
ldo3_vsel<6:0>
07h
LDO4Voltage
ldo4_ilimit
ldo4_vsel<6:0>
08h
LDO5Voltage
ldo5_ilimit
ldo5_vsel<6:0>
09h
LDO6Voltage
ldo6_ilimit
ldo6_vsel<6:0>
0ah
LDO7Voltage
ldo7_ilimit
ldo7_vsel<6:0>
0bh
LDO8Voltage
ldo8_ilimit
ldo8_vsel<6:0>
0ch
GPIO1control
gpio1_invert
gpio1_iosf<6:3>
gpio1_mode<2:0>
0dh
GPIO2control
gpio2_invert
gpio2_iosf<6:3>
gpio2_mode<2:0>
0eh
GPIO3control
gpio3_invert
gpio3_iosf<6:3>
gpio3_mode<2:0>
0fh
GPIO4control
gpio4_invert
gpio4_iosf<6:3>
gpio4_mode<2:0>
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com