Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 27 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 27 Page - ams AG

Back Button AS3715 Datasheet HTML 23Page - ams AG AS3715 Datasheet HTML 24Page - ams AG AS3715 Datasheet HTML 25Page - ams AG AS3715 Datasheet HTML 26Page - ams AG AS3715 Datasheet HTML 27Page - ams AG AS3715 Datasheet HTML 28Page - ams AG AS3715 Datasheet HTML 29Page - ams AG AS3715 Datasheet HTML 30Page - ams AG AS3715 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
ams Datasheet, Confidential
Page 27
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Analog LDO Regulators
Description
LDO1 and LDO2 are designed to supply sensitive analog circuits
like LNA’s, Transceivers, VCO’s and other critical RF components
of cellular radios. Another application is the supply of audio
devices or as a reference for AD and DA converters. The design
is optimized to deliver the best compromise between quiescent
current and regulator performance for battery powered
devices.
Stability is guaranteed with ceramic output capacitors of 1μF
±20% (X5R) or 2.2μF +100/-50% (Z5U). The low ESR of these caps
ensures low output impedance at high frequencies. Regulation
performance is excellent even under low dropout conditions,
when the power transistor has to operate in linear mode. Power
supply rejection is high enough to suppress the PA-ripple on
the battery in TDMA systems at the output. The low noise
performance allows direct connection of noise sensitive circuits
without additional filtering networks. The low impedance of the
power device enables the device to deliver up to IOUT current
even at nearly discharged batteries without any decrease of
performance.
The default guaranteed operating current during start-up is
150mA, but can be set to 250mA with ldoX_ilimit = 1.
To save power in low-power states where the full performance
is not needed the bias current can be reduce by setting
reg_low_bias_mode = 1.
Figure 26:
Analog IO LDO Block Diagram
Analog IO LDO Block Diagram: Shows the internal structure of the analog PMOS linear regulators.
-
VIN_LDOx
LDOx
Low Gain
Ultra High Bandwidth
Amplifier
CVIN_LDOx
COUT_LDOx
PMOS
Power
Device
VSS_LDOx
Vr ef
1.8V or 1.2V
low noise
-
Ccomp
(internal)
High Gain
Low Bandwidth
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com