Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 71 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 71 Page - ams AG

Back Button AS3715 Datasheet HTML 67Page - ams AG AS3715 Datasheet HTML 68Page - ams AG AS3715 Datasheet HTML 69Page - ams AG AS3715 Datasheet HTML 70Page - ams AG AS3715 Datasheet HTML 71Page - ams AG AS3715 Datasheet HTML 72Page - ams AG AS3715 Datasheet HTML 73Page - ams AG AS3715 Datasheet HTML 74Page - ams AG AS3715 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
ams Datasheet, Confidential
Page 71
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
Watchdog
Description
The purpose of the watchdog is to detect a deadlock of the
software. If the watchdog is active, it must receive a continuous
trigger signal within a programmable time window. If there is
no signal anymore for a certain time period from a defined pad
or special serial interface bit, it starts either a complete reset
cycle or initiates the power OFF sequence.
The watchdog is highly configurable by the following register
bits:
• The complete block can be switched ON by wtdg_on = 1
and OFF by wtdg_on = 0.
• The watchdog time window is defined by the register
wtdg_timer between 1s and 128s.
• The trigger signal can be either triggered by setting
wtdg_sw_sig or using a HW signal on one of the GPIO pins
(gpioX_iosf=9).
• If the watchdog expires, the system can start
automatically a reset cycle if wtdg_reset_on = 1 and
wtdg_pweroff = 0, or perform a power down if
wtdg_reset_on = 1 and wtdg_pweroff = 1.
•If wtdg_reset_on = 0 and wtdg_pweroff = 0 only an
interrupt is generated (if the interrupt is enabled)
• Whether the watchdog caused a reset can be seen in the
reset_reason.
Interrupt Generation
Description
The interrupt controller generates an interrupt request for the
host controller as soon as one or more of the bits in the Interrupt
1…3 register are set by pulling high pin INT (INT has to be
selected as GPIO output function). The output polarity can be
changed to active low (XINT ) by using the gpioX_invert bit of
the selected GPIO. All the interrupt sources can be enabled in
the Interrupt Mask 1…3 register. The Interrupt 1…3 registers
are cleared automatically after the host controller has read
them. To prevent the AS3715 device from losing an interrupt
event, the register that is read is captured before it is
transmitted to the host controller via the serial interface. As
soon as the transmission of the captured value is complete a
logical AND operation with the bit wise inverted captured value
is applied to the register to clear all interrupt bits that have
already been transmitted. Clearing the read interrupt bits takes
2 clock cycles, a read access to the same register before the
clearing process has completed will yield a value of ‘0’. Note that
an interrupt that has been present at the previous read access
will be cleared as well in case it occurs again before the clearing
process has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com