Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 78 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 78 Page - ams AG

Back Button AS3715 Datasheet HTML 74Page - ams AG AS3715 Datasheet HTML 75Page - ams AG AS3715 Datasheet HTML 76Page - ams AG AS3715 Datasheet HTML 77Page - ams AG AS3715 Datasheet HTML 78Page - ams AG AS3715 Datasheet HTML 79Page - ams AG AS3715 Datasheet HTML 80Page - ams AG AS3715 Datasheet HTML 81Page - ams AG AS3715 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 160 page
background image
Page 78
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – System Functions
I²C Parameter
Figure 82:
I²C Characteristics
I²C Characteristic: Shows the key electrical parameter of the I²C interface.
The AS3715 is compatible to the NXP two wire specification
http://www.nxp.com/documents/user_manual/UM10204.pdf
Version 4.0 Feb 2012 for standard mode and fast mode (no fast
mode plus or high speed mode support).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
SCL,SDA Low Level input
voltage
-0.3
0.4
V
VIH
SCL,SDA High Level
input voltage
1.4
VSUP_GPIO
V
VOH
High-Level Output
Voltage
at -2.0mA
0.8x
VSUP_GPIO_lv
V
VOL
Low-Level Output
Voltage
at 2.0mA
0.2x
VSUP_GPIO_lv
V
CLOAD
Capacitive Load
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com