Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 23 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 23 Page - ams AG

Back Button AS3715 Datasheet HTML 19Page - ams AG AS3715 Datasheet HTML 20Page - ams AG AS3715 Datasheet HTML 21Page - ams AG AS3715 Datasheet HTML 22Page - ams AG AS3715 Datasheet HTML 23Page - ams AG AS3715 Datasheet HTML 24Page - ams AG AS3715 Datasheet HTML 25Page - ams AG AS3715 Datasheet HTML 26Page - ams AG AS3715 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 160 page
background image
ams Datasheet, Confidential
Page 23
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Parameter
Figure 19:
DC/DC Buck Controller Parameter
DC/DC Buck Controller Parameter: Shows the key electrical parameter of the DC/DC buck controller.
Figure 20:
DC/DC Buck Controller External Components
DC/DC Buck Controller External Components: Shows the external component parameter of the DC/DC buck
controller.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
Pin VSUP_SDx
2.5
5.5
V
VOUT
Regulated output voltage
0.61
1.5
V
VOUT_tol
Output voltage tolerance
min. 20mV
-2
+2
%
IVDD
Current consumption
Dual phase without load
136
uA
fSW
Switching frequency
fclk_int = 4MHz
2.7
3
MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
External Components 5A
AS3729
# power stages
1
COUT_SD4
Output capacitor
Ceramic X5R or X7R, high performance
40
47
μF
Ceramic X5R or X7R, cost optimized
20
22
μF
CVSUP_SD4
Input capacitor
Ceramic X5R or X7R
6
10
μF
LSD4
Inductor
4A rated, 3MHz operation, low Ron
0.3
0.47
μH
External Components 8A (HV)
AS3728
# power stages
1
COUT_SD4
Output Capacitor
Ceramic X5R or X7R / 6.3V high
performance
64
82
μF
Ceramic X5R or X7R / 6.3V cost
optimized
32
47
μF
CHVSUP_SD4
HV Input Capacitor
Ceramic X5R or X7R / 25V
10
22
μF
CBOOT_SD4
Boost Capacitor
Ceramic X5R or X7R / 6.3V
100
nF
C5VVSUP_SD4
5V Supply Capacitor
Ceramic X5R or X7R / 6.3V
1
μF
LSDx_SD4
Inductor
5A rated, 1MHz operation, low RON
0.5
1
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com