Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 3 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 3 Page - ams AG

  AS3715 Datasheet HTML 1Page - ams AG AS3715 Datasheet HTML 2Page - ams AG AS3715 Datasheet HTML 3Page - ams AG AS3715 Datasheet HTML 4Page - ams AG AS3715 Datasheet HTML 5Page - ams AG AS3715 Datasheet HTML 6Page - ams AG AS3715 Datasheet HTML 7Page - ams AG AS3715 Datasheet HTML 8Page - ams AG AS3715 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
ams Datasheet, Confidential
Page 3
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − General Description
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
Block Diagram for AS3715
Block Diagram: Shows the main function blocks of the AS3715.
30V OVP
optional
8 GPIOs + 4 Enable
ADC 16-ch
Supervisor
(Supply & Temp)
I2C
Boot ROM
(OTP)
Watchdog
Stand-by
POR
AS3715
Control &
Reference
3 SINKs
HV, 40mA each
DCDC1
1.5 – 2A
0.6 – 3.35V
3 – 4MHz
VSS_SD1
FB_SD1
LX_SD1
1uH
20uF
2.2uF
VSUP_SD1
LDO4
UIO 1Ω
0.8-3.3V
300 mA
1uF
LDO5
UIO 1Ω
0.8-3.3V
300mA
1uF
LDO6
UIO 1Ω
0.8-3.3V
300 mA
1uF
2.2uF
LDO7
UIO 1 Ω
0.8-3.3V
300 mA
LDO8
UIO 1 Ω
0.8-3.3V
300 mA
1uF
LDO7
2.2uF
VIN_LDO78
1uF
LDO8
DCDC2
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSS_SD2
FB_SD2
LX_SD2
1uH
2.2uF
VSUP_SD2
10uF
DCDC3
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
VSS_SD3
FB_SD3
LX_SD3
1uH
2.2uF
VSUP_SD3
10uF
LDO1
ANA 1Ω
1.2-3.3V
250 mA
1uF
LDO2
ANA 1 Ω
1.2-3.3V
250 mA
1uF
LDO3
UIO 1Ω
0.8-3.3V
300mA
1uF
2.2uF
5V CP
55mA
1MHz
CAPN
CAPP
VSUP_CP
V5_0
470nF
1uF
VSS_CP
BOOST
(controller)
voltage &
current mode
0.5 /1MHz
SENSP
VSUP_SU
GATE_SU
FB_SU
VSS_SU
1.5A Li-Ion Charger
linear or
switched mode
dual battery control
enhanced temp control
NTC ß-correction
VSUP_CHG
EBATSW
IBATSW
S1
S2
VEBAT
CHGOUT
BATTEMP
Power Path & Limiter
CHGIN1
4.7uF
XOFF
VUSB
30V Over-Voltage
Protection
CHGIN2
4.7uF
VIBAT
DCDC4
6A
0.6 – 1.5 V
1.5 – 3MHz
FB_SD4 (differential)
CTRL1_SD4
CTRL2_SD4
TEMP_SD4
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com