Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 21 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 21 Page - ams AG

Back Button AS3715 Datasheet HTML 17Page - ams AG AS3715 Datasheet HTML 18Page - ams AG AS3715 Datasheet HTML 19Page - ams AG AS3715 Datasheet HTML 20Page - ams AG AS3715 Datasheet HTML 21Page - ams AG AS3715 Datasheet HTML 22Page - ams AG AS3715 Datasheet HTML 23Page - ams AG AS3715 Datasheet HTML 24Page - ams AG AS3715 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
ams Datasheet, Confidential
Page 21
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Mode Settings
Low Ripple, Low Noise Operation:
Bit settings: sdX_low_noise=1
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As long as the load current is superior
to the ripple current the device operates in continuous mode.
When the load current gets lower, the discontinuous mode is
triggered. As result, the auto-zero comparator stops the NMOS
conduction to avoid load discharger and the duty cycle is
reduced down to tmin_on to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency, at light loads, especially at low input to output
voltage differences.
Only in the case the load current gets so small that less than the
minimum ON-time of the PMOS would be needed to keep the
loop in regulation the regulator will enter low power mode
operation. The crossover point is about ~1% of the DCDC
current limit.
High efficiency Operation (Default Setting):
Bit settings: sdX_low_noise=0
In this mode there is a minimum coil current necessary before
switching OFF the PMOS. As a result there are less pulses
necessary at low output loads, and therefore the efficiency at
low output load is increased. As drawback this mode increases
the ripple up to a higher output current.
The crossover point to low power mode is already reached at
reasonable high output currents (~10% of the DCDC current
limit).
It’s possible to switch between these two modes during
operation.
Low Power Operation (sdX_low_power=1):
In this mode the controller is only running on a single phase
(phase 1). Only one output stage of the external power stage is
used to reduce the power consumption for e.g. a stand-by
mode operation.
Power Save Operation (Automatically Controlled):
As soon as the output voltage stays above the desired target
value for a certain time, some internal blocks will be powered
down leaving the output floating to lower the power
consumption. Normal operation starts as soon as the output
drops below the target value for a similar amount of time. To
minimize the accuracy error some internal circuits are kept
powered to assure a minimized output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com