Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 24 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 24 Page - ams AG

Back Button AS3715 Datasheet HTML 20Page - ams AG AS3715 Datasheet HTML 21Page - ams AG AS3715 Datasheet HTML 22Page - ams AG AS3715 Datasheet HTML 23Page - ams AG AS3715 Datasheet HTML 24Page - ams AG AS3715 Datasheet HTML 25Page - ams AG AS3715 Datasheet HTML 26Page - ams AG AS3715 Datasheet HTML 27Page - ams AG AS3715 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 160 page
background image
Page 24
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Figure 21:
SD4 3.7V Eff vs. Iout Coil Comparison
Figure 22:
DC/DC Buck SD4 Load Transient Fast Mode
DC/DC Buck SD4 Load Transient: Shows the response of the SD4 buck controller to a load transient from 0 to
2.3A @ 1.2V with VSUP=3.7V, 3MHz operation, fast=1, COUT=88uF and TA=+25°C.
DC/DC Buck SD4 Efficiency: Shows
efficiency of the SD4 buck controller
with AS3729 power stage for different
coils @ 1.2V in dual phase and combined
mode with VSUP=3.7V, 1.35MHz
operation and TA=+25°C.
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
Output Current (A)
AS3729 3V7-1V2 TFM252010GHM-R47M dual (1.35MHz)
AS3729 3V7-1V2 VLS252010HBX-R47 dual (1.35MHz)
AS3729 3V7-1V2 DFE252010P-R47 dual (1.35MHz)
AS3729 3V7-1V2 IFSC1008ABERR47M01 dual (1.35MHz)
AS3729 3V7-1V2 TFM252010GHM-R47M combined (1.35MHz)
AS3729 3V7-1V2 VLS252010HBX-R47 combined (1.35MHz)
AS3729 3V7-1V2 DFE252010P-R47 combined (1.35MHz)
AS3729 3V7-1V2 IFSC1008ABERR47M01 combined (1.35MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com