Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 32 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 32 Page - ams AG

Back Button AS3715 Datasheet HTML 28Page - ams AG AS3715 Datasheet HTML 29Page - ams AG AS3715 Datasheet HTML 30Page - ams AG AS3715 Datasheet HTML 31Page - ams AG AS3715 Datasheet HTML 32Page - ams AG AS3715 Datasheet HTML 33Page - ams AG AS3715 Datasheet HTML 34Page - ams AG AS3715 Datasheet HTML 35Page - ams AG AS3715 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
Page 32
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Figure 33:
Low Power LDO External Components
Low Power LDO External Components: Shows the external component parameter of the low power V2_5 linear
regulator.
DCDC Step-up Converter
Description
The DC/DC Step Up converter is a high efficiency current mode
PWM regulator, which provides an output voltage dependent
on the maximum VDS voltage of the external transistor, and
maximum load current selectable by the external shunt resistor.
For Example:
• 5V, 0.5-1A @ 1Mhz
• 25V, 50mA @ 1MHz
• 40V, 20mA @ 500kHz
A constant switching frequency results in a low noise on supply
and output voltage.
Three feedback regulation modes are supported:
• Current feedback (all three current sinks can be selected)
• Current feedback with automatic feedback selection
•Voltage feedback
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CV2_5
Output capacitor
Ceramic X5R or X7R
0.7
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com