Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 38 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 38 Page - ams AG

Back Button AS3715 Datasheet HTML 34Page - ams AG AS3715 Datasheet HTML 35Page - ams AG AS3715 Datasheet HTML 36Page - ams AG AS3715 Datasheet HTML 37Page - ams AG AS3715 Datasheet HTML 38Page - ams AG AS3715 Datasheet HTML 39Page - ams AG AS3715 Datasheet HTML 40Page - ams AG AS3715 Datasheet HTML 41Page - ams AG AS3715 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
Page 38
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Current Sinks
Description
CURR1, 2 and 3 are high voltage (30V) current sinks, e.g. for
series of white LEDs or general purpose usage to drive buzzer,
vibrator, signal LEDs, etc.
Current sinks CURR1, 2 and 3 can be controlled individually. The
step-up DCDC converter (SU) may supply them with voltages
up to 30V. For an automatic feedback selection the used current
sinks can be assigned to the SU booster.
If not used as a current sink, CURR3 can be used to output
several status signals. In this mode the CURR3 output acts like
an open-drain output and needs an external pull-up resistor for
generating logic high levels.
Parameter
Figure 38:
Current Sink Parameter
Current Sink Parameter: Shows the key electrical parameter of the HV current sinks.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICURR1,2,3
CURR1,2 & 3 current
For V(CURRx) > 0.5V
resolution = 0.156mA
039.8
mA
IDCDC_protect
Current sink protection
Current
Protection current if stpup_on=1
and currx_current=00h
2μA
Absolute Accuracy
All Current sinks
-8
+8
%
VCURR1,2,3
Voltage compliance
During normal operation
0.5
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com