Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 48 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 48 Page - ams AG

Back Button AS3715 Datasheet HTML 44Page - ams AG AS3715 Datasheet HTML 45Page - ams AG AS3715 Datasheet HTML 46Page - ams AG AS3715 Datasheet HTML 47Page - ams AG AS3715 Datasheet HTML 48Page - ams AG AS3715 Datasheet HTML 49Page - ams AG AS3715 Datasheet HTML 50Page - ams AG AS3715 Datasheet HTML 51Page - ams AG AS3715 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
Page 48
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
The base values (T1min, T2min, T3min and T3min) for the
comparator levels are marked in the table above. To adjust the
comparator levels to the needed temperature levels dedicated
adjust bits can be set (32-64 7mV steps).
Txlim_upper=Txmin + Tx_adj * 7mV
Also the hysteresis of the ON and OFF levels can be programmed
(4bits with 16 7mV steps).
Txlim_lower=Txlim_upper + (Tx_hyst + 3) * 7mV
Charger MIN/MAX Temp Supervision
The simpler supervision mode is supervising T1 (0°C) and
T4 (60°C)
Figure 47:
MIN/MAX Temp Supervision
MIN/MAX Temp Supervision Diagram: Shows the voltage and current settings for the MIN/MAX temperature
supervision.
(EQ3)
(EQ4)
T1upper
TEMPERATURE [°C]
CHARGE
CURRENT
CHARGE
VOLTAGE
Maximum Charge Current: 1C
Typical Charge Voltage: Veoc(typ)
3.5V <Veoc(typ) <4.44V
750mA < Icc_normal(typ) < 1500mA
60mA < Itrickle(typ) < 240mA
COLD
TYPICAL
HOT
Charger
is OFF
Charger
is OFF
350mA < Icc_low(typ) < 750mA
T1lower
T4upper
T4lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com