Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 14 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 14 Page - ams AG

Back Button AS3715 Datasheet HTML 10Page - ams AG AS3715 Datasheet HTML 11Page - ams AG AS3715 Datasheet HTML 12Page - ams AG AS3715 Datasheet HTML 13Page - ams AG AS3715 Datasheet HTML 14Page - ams AG AS3715 Datasheet HTML 15Page - ams AG AS3715 Datasheet HTML 16Page - ams AG AS3715 Datasheet HTML 17Page - ams AG AS3715 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 160 page
background image
Page 14
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Mode Settings
Low Ripple, Low Noise Operation:
Bit settings: sdX_low_noise=1
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As long as the load current is superior
to the ripple current the device operates in continuous mode.
Figure 8:
DC/DC Buck Continuous Mode
DC/DC Buck Continuous Mode: Shows the DC/DC switching waveforms of for SD3 at about 500mA.
When the load current gets lower, the discontinuous mode is
triggered. As result, the auto-zero comparator stops the NMOS
conduction to avoid load discharger and the duty cycle is
reduced down to tmin_on to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency, at light loads, especially at low input to output
voltage differences.
Figure 9:
DC/DC Buck Dis-continuous Mode
DC/DC Buck Dis-continuous Mode: Shows the DC/DC switching waveforms of for SD3 at about 60mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com