Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 54 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 54 Page - ams AG

Back Button AS3715 Datasheet HTML 50Page - ams AG AS3715 Datasheet HTML 51Page - ams AG AS3715 Datasheet HTML 52Page - ams AG AS3715 Datasheet HTML 53Page - ams AG AS3715 Datasheet HTML 54Page - ams AG AS3715 Datasheet HTML 55Page - ams AG AS3715 Datasheet HTML 56Page - ams AG AS3715 Datasheet HTML 57Page - ams AG AS3715 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 160 page
background image
Page 54
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – Power Management Functions
Figure 53:
Charger Efficiency and Input Current
Charger Efficiency and Input Current: Shows the efficiency of the charger in step-down and linear mode as well
as the current from the charger input in both modes for 1A charging current.
Figure 54:
Charger Power Dissipation
Charger Power Dissipation: Shows the
power dissipation of the charger in
step-down and linear mode for 1A
charging current.
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
123
45
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V
0
0.2
0.4
0.6
0.8
1
1.2
12
345
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V
0
0.5
1
1.5
2
2.5
1234
5
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com