Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 29 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 29 Page - ams AG

Back Button AS3715 Datasheet HTML 25Page - ams AG AS3715 Datasheet HTML 26Page - ams AG AS3715 Datasheet HTML 27Page - ams AG AS3715 Datasheet HTML 28Page - ams AG AS3715 Datasheet HTML 29Page - ams AG AS3715 Datasheet HTML 30Page - ams AG AS3715 Datasheet HTML 31Page - ams AG AS3715 Datasheet HTML 32Page - ams AG AS3715 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
ams Datasheet, Confidential
Page 29
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 28:
LDO External Components
LDO External Components: Shows the external component parameter of the linear regulators.
Universal IO LDO Regulators
Description
6 universal IO range LDOs offer a wide input (1.8V to 5.5V ) as
well as a wide output (0.8 to 3.3V) voltage range to be used for
general purpose peripheral supply
Up to 300mA possible output currents are offered with good
noise and regulation performance and very low quiescent
current even suitable for stand-by power supply.
LDO7 & 8 offer in addition a load switch function, if the lowest
possible drop-out without regulation is needed.
Figure 29:
Universal IO LDO Block Diagram
Universal IO LDO Block Diagram: Shows the internal structure of the universal IO PMOS linear regulators.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
COUT_LDO1;2
Output capacitor
Ceramic X5R or X7R
ldoX_limit = 0
15
μF
Ceramic X5R or X7R
ldoX_limit =1
25
μF
CVIN_LDO12
Input capacitor
Ceramic X5R or X7R
2
μF
-
VIN_LDOx
LDOx
Er ror
Amplifier
Vr ef
1.8V or 0.8V
low noise
CVIN_LDOx
COUT_LDOx
PMOS
Power
Device
VSS_LDOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com