Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 70 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 70 Page - ams AG

Back Button AS3715 Datasheet HTML 66Page - ams AG AS3715 Datasheet HTML 67Page - ams AG AS3715 Datasheet HTML 68Page - ams AG AS3715 Datasheet HTML 69Page - ams AG AS3715 Datasheet HTML 70Page - ams AG AS3715 Datasheet HTML 71Page - ams AG AS3715 Datasheet HTML 72Page - ams AG AS3715 Datasheet HTML 73Page - ams AG AS3715 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
Page 70
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Detailed Description – System Functions
Supervisor
All LDO’s, the DCDC step ups and DCDC step downs have an
integrated over-current protection.
An over-temperature protection of the chip is also integrated
which can be switched ON with the serial interface signal
temp_pmc_on (enabled by default; it is not recommended to
disable the over-temperature protection).
Temperature Supervision (main die)
The chip has two signals for the serial interface: ov_temp_110
and ov_temp_140. The flag ov_temp_110 is automatically reset
if the over-temperature condition is removed, whereas
ov_temp_140 has to be reset by the serial interface with the
signal rst_ov_temp_140.
If the flag ov_temp_140 is set, an automatic reset of the
complete chip is initiated. The chip will only start-up when the
temperature falls below the T110 level (including hysteresis).
The flag ov_temp_140 is not affected by this reset cycle allowing
the software to detect the reason for this unexpected
shutdown:
Figure 72:
Temperature Supervision Characteristics
Temperature Supervision Characteristic: Shows the key electrical parameter of the over-temperature
supervision.
Temperature Supervision SD4 (sub die)
A similar supervision is installed for the power stage controlled
by SD4. temp_sd4_alarm and temp_sd4_shutdown are
indicating a >110°C or >140°C temperature condition of the sub
die. For both events an interrupt can be triggered. With
mask_ovtemp=0 reaching 140°C is initiating a reset cycle. If
mask_ovtemp=1 only an interrupt is generated (if enabled)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
T110
ov_temp_110 rising threshold
95
110
125
ºC
T140
ov_temp_140 rising threshold
125
140
155
ºC
Thyst
ov_temp_110 and
ov_temp_140 hysteresis
5ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com